Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 6 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 2Page - Texas Instruments SC1200 Datasheet HTML 3Page - Texas Instruments SC1200 Datasheet HTML 4Page - Texas Instruments SC1200 Datasheet HTML 5Page - Texas Instruments SC1200 Datasheet HTML 6Page - Texas Instruments SC1200 Datasheet HTML 7Page - Texas Instruments SC1200 Datasheet HTML 8Page - Texas Instruments SC1200 Datasheet HTML 9Page - Texas Instruments SC1200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
MSC1200
6
SBAS289E
www.ti.com
2.7V to 3.6V
4.75V to 5.25V
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
External Clock Mode
fOSC(1)
A
External Crystal Frequency (fOSC)1
20
1
33
MHz
1/tOSC(1)
A
External Clock Frequency (fOSC)0
20
0
33
MHz
fOSC(1)
A
External Ceramic Resonator Frequency (fOSC)1
12
1
12
MHz
tHIGH
A
HIGH Time(2)
15
10
ns
tLOW
A
LOW Time(2)
15
10
ns
tR
A
Rise Time(2)
55
ns
tF
A
Fall Time(2)
55
ns
NOTES: (1) tCLK = 1/fOSC = one oscillator clock period for clock divider = 1. (2) These values are characterized but not 100% production tested.
AC ELECTRICAL CHARACTERISTICS(1): DVDD = 2.7V to 5.25V
FIGURE A. External Clock Drive CLK.
FIGURE B. Serial Flash Programming Power-On Timing.
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
tRW
B
RST width
2 tOSC
—
ns
tRRD
B
RST rise to P1.0 internal pull high
—
5
µs
tRFD
B
RST falling to CPU start
—
18
ms
tRS
B
Input signal to RST falling setup time
tOSC
—
ns
tRH
B
RST falling to P1.0 hold time
18
—
ms
NOTE: P1.0 is internally pulled-up with ~11k
Ω during RST high.
P1.0/PROG
RST
t
RFD, tRH
t
RS
t
RRD
t
RW
t
R
t
HIGH
V
IH
V
IH
0.8V
0.8V
V
IH
V
IH
0.8V
0.8V
t
LOW
t
OSC
t
F
MSC1200Yx
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
PHASE LOCK LOOP (PLL)
Input Frequency Range
External Crystal/Clock Frequency (fOSC)
32.768
kHz
PLL LF Mode
PLLDIV = 449 (default)
14.7456
MHz
PLL HF Mode
PLLDIV = 899 (must be set by user)
29.4912
MHz
PLL Lock Time
Within 1%
2
ms
INTERNAL OSCILLATOR (IO)
See Typical Characteristics
IO LF Mode
12.8
MHz
IO HF Mode
25.6
MHz
Internal Oscillator Settling Time
Within 1%
1
ms
NOTE: (1) Parameters are valid over operating temperature range, unless otherwise specified.
EXTERNAL CLOCK DRIVE CLK TIMING
SERIAL FLASH PROGRAMMING TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com