Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 34 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 34 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 30Page - Texas Instruments SC1200 Datasheet HTML 31Page - Texas Instruments SC1200 Datasheet HTML 32Page - Texas Instruments SC1200 Datasheet HTML 33Page - Texas Instruments SC1200 Datasheet HTML 34Page - Texas Instruments SC1200 Datasheet HTML 35Page - Texas Instruments SC1200 Datasheet HTML 36Page - Texas Instruments SC1200 Datasheet HTML 37Page - Texas Instruments SC1200 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
MSC1200
34
SBAS289E
www.ti.com
Timer Mode Control (TMOD)
7
6
5
4
32
10
TIMER 1
TIMER 0
Reset Value
SFR 89H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00H
GATE
Timer 1 Gate Control. This bit enables/disables the ability of Timer 1 to increment.
bit 7
0: Timer 1 will clock when TR1 = 1, regardless of the state of pin INT1.
1: Timer 1 will clock only when TR1 = 1 and pin INT1 = 1.
C/T
Timer 1 Counter/Timer Select.
bit 6
0: Timer is incremented by internal clocks.
1: Timer is incremented by pulses on T1 pin when TR1 (TCON.6, SFR 88H) is 1.
M1, M0
Timer 1 Mode Select. These bits select the operating mode of Timer 1.
bits 5-4
TL0.7-0
Timer 0 LSB. This register contains the least significant byte of Timer 0.
bits 7-0
Timer 1 LSB (TL1)
7
6
5
4
3
2
1
0
Reset Value
SFR 8AH
TL0.7
TL0.6
TL0.5
TL0.4
TL0.3
TL0.2
TL0.1
TL0.0
00H
TL1.7-0
Timer 1 LSB. This register contains the least significant byte of Timer 1.
bits 7-0
Timer 0 MSB (TH0)
7
6
5
4
3
2
1
0
Reset Value
SFR 8BH
TL1.7
TL1.6
TL1.5
TL1.4
TL1.3
TL1.2
TL1.1
TL1.0
00H
TH0.7-0
Timer 0 MSB. This register contains the most significant byte of Timer 0.
bits 7-0
7
6
5
4
3
2
1
0
Reset Value
SFR 8CH
TH0.7
TH0.6
TH0.5
TH0.4
TH0.3
TH0.2
TH0.1
TH0.0
00H
GATE
Timer 0 Gate Control. This bit enables/disables the ability of Timer 0 to increment.
bit 3
0: Timer 0 will clock when TR0 = 1, regardless of the state of pin INT0 (software control).
1: Timer 0 will clock only when TR0 = 1 and pin INT0 = 1 (hardware control).
C/T
Timer 0 Counter/Timer Select.
bit 2
0: Timer is incremented by internal clocks.
1: Timer is incremented by pulses on pin T0 when TR0 (TCON.4, SFR 88H) is 1.
M1, M0
Timer 0 Mode Select. These bits select the operating mode of Timer 0.
bits 1-0
M1
M0
MODE
0
0
Mode 0: 8-bit counter with 5-bit prescale.
0
1
Mode 1: 16 bits.
1
0
Mode 2: 8-bit counter with auto reload.
1
1
Mode 3: Two 8-bit counters.
M1
M0
MODE
0
0
Mode 0: 8-bit counter with 5-bit prescale.
0
1
Mode 1: 16 bits.
1
0
Mode 2: 8-bit counter with auto reload.
1
1
Mode 3: Two 8-bit counters.
Timer 0 LSB (TL0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com