Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 23 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 19Page - Texas Instruments SC1200 Datasheet HTML 20Page - Texas Instruments SC1200 Datasheet HTML 21Page - Texas Instruments SC1200 Datasheet HTML 22Page - Texas Instruments SC1200 Datasheet HTML 23Page - Texas Instruments SC1200 Datasheet HTML 24Page - Texas Instruments SC1200 Datasheet HTML 25Page - Texas Instruments SC1200 Datasheet HTML 26Page - Texas Instruments SC1200 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
MSC1200
23
SBAS289E
www.ti.com
Slave Mode Application Flow
1. Configure the ports pins.
2. Enable SS (if applicable).
3. Configure the SPI.
4. Write data to SPIDATA.
5. Wait for the Count Interrupt (8 SCKs).
6. Read the data from SPIDATA.
Caution: If SPIDATA is not read before the next SPI trans-
action the ECNT interrupt will be removed and the previous
data will be lost.
I2C
The I/O pins needed for I2C transfer are: serial clock (SCL)
and serial data (SDA—implemented by connecting DIN and
DOUT externally).
The MSC1200 I2C supports:
1) Master or slave I2C operation (control in software)
2) Standard or fast modes of transfer
3) Clock stretching
4) General call
When used in I2C mode, pins DIN (P1.3) and DOUT (P1.2)
should be tied together externally. The DIN pin should be
configured as an input pin and the DOUT pin should be config-
ured as open drain or standard 8051 by setting the P1DDR
(DOUT should be set high so that the bus is not pulled low).
The MSC1200 I2C can generate two interrupts:
1) I2C interrupt for START/STOP interrupt (AIE.3)
2) CNT interrupt for bit counter interrupt (AIE.2)
The START/STOP interrupt is generated when a START
condition or STOP condition is detected on the bus. The bit
counter generates an interrupt on a complete (8-bit) data
transfer and also after the transfer of the ACK/NACK.
The bit counter for serial transfer is always incremented on the
falling edge of SCL and can be reset by reading or writing to
I2CDATA (SFR 9BH) or when a START/STOP condition is
detected. The bit counter can be polled or used as an interrupt.
The bit counter interrupt occurs when the bit counter value is
equal to 8, indicating that eight bits of data have been
transferred. I2C mode also allows for interrupt generation on
one bit of data transfer (I2CCON.CNTSEL). This can be used
for ACK/NACK interrupt generation. For instance, the I2C
interrupt can be configured for 8-bit interrupt detection, on the
eighth bit the interrupt is generated. Following this interrupt,
the clock will be stretched (SCL held low). The interrupt can
then be configured for 1-bit detection. The ACK/NACK can be
written by the software, which will terminate clock stretching.
The next interrupt will be generated after the ACK/NACK has
been latched by the receiving device. The interrupt is cleared
on reading or writing to the I2CDATA register. If I2CDATA is
not read before the next data transfer, the interrupt will be
removed and the previous data will be lost.
Master Operation
The source for the SCL is controlled in the PASEL register or
can be generated in software.
Transmit
The serial data must be stable on the bus while SCL is high.
Therefore, the writing of serial data to I2CDATA must be
coordinated with the generation of the SCL, since SDA
transitions on the bus may be interpreted as a START or
STOP while SCL is high. The START and STOP conditions
on the bus must be generated in software. After the serial
data has been transmitted, the generation of the ACK/NACK
clock must be enabled by writing 0xFFH to I2CDATA. This
allows the master to read the state of ACK/NACK.
Receive
The serial data is latched into the receive buffer on the rising
edge of SCL. After the serial data has been received,
ACK/NACK is generated by writing 0x7FH (for ACK) or 0xFFH
(for NACK) to I2CDATA.
Slave Operation
Slave operation is supported, but address recognition, R/W
determination, and ACK/NACK must be done under software
control.
Transmit
Once address recognition, R/W determination, and
ACK/NACK are complete, the serial data to be transferred
can be written to I2CDATA. The data is automatically shifted
out based on the master SCL. After data transmission,
SDA
SCL
1-7
8
P
S
STOP
Condition(4)
START
Condition(1)
ACK(3)
ACK(3)
ACK(3)
R/W(2)
DATA(2)
DATA(2)
ADDRESS(2)
9
1-7
8
9
1-7
8
9
(1) Generate in software; write 0x7F to I2CDATA.
(2) I2CDATA register.
(3) Generate in software. Can enable bit count = 1 interrupt prior to ACK/NACK for interrupt use.
Generate ACK by writing 0x7F to I2CDATA; generate NACK by writing 0xFF to I2CDATA.
(4) Generate in software; write 0xFF to I2CDATA.
NOTES:
FIGURE 17. Timing Diagram for I2C Transmission and Reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com