Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 15 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 11Page - Texas Instruments SC1200 Datasheet HTML 12Page - Texas Instruments SC1200 Datasheet HTML 13Page - Texas Instruments SC1200 Datasheet HTML 14Page - Texas Instruments SC1200 Datasheet HTML 15Page - Texas Instruments SC1200 Datasheet HTML 16Page - Texas Instruments SC1200 Datasheet HTML 17Page - Texas Instruments SC1200 Datasheet HTML 18Page - Texas Instruments SC1200 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
MSC1200
15
SBAS289E
www.ti.com
FIGURE 3. Comparison of MSC1200 Timing to Standard
8051 Timing.
FIGURE 4. MSC1200 Timing Chain and Clock Control.
ALE
PSEN
Internal
AD0-AD7
Internal
A8-A15
ALE
PSEN
AD0-AD7
PORT 2
CLK
Single-Byte, Single-Cycle
Instruction
Single-Byte, Single-Cycle
Instruction
12 Cycles
4 Cycles
standard 8051 core. This allows the user to run the device at
slower clock speeds, which reduces system noise and power
consumption, but provides greater throughput. This performance
difference can be seen in Figure 3. The timing of software loops
will be faster with the MSC1200. However, the timer/counter
operation of the MSC1200 may be maintained at 12 clocks per
increment or optionally run at 4 clocks per increment.
The MSC1200 also provides dual data pointers (DPTRs).
Furthermore, improvements were made to peripheral fea-
tures that off-load processing from the core and the user, to
further improve efficiency. For instance, a 32-bit accumulator
was added to significantly reduce the processing overhead
for the multiple byte data from the ADC or other sources. This
allows for 24-bit addition and shifting to be accomplished in
a few instruction cycles, compared to hundreds of instruction
cycles through software implementation.
Family Device Compatibility
The hardware functionality and pin configuration across the
MSC1200 family is fully compatible. To the user, the only
difference between family members is the memory configuration.
This makes migration between family members simple. Code
written for the MSC1200Y2 can be executed directly on an
MSC1200Y3. This gives the user the ability to add or subtract
software functions and to freely migrate between family mem-
bers. Thus, the MSC1200 can become a standard device used
across several application platforms.
Family Development Tools
The MSC1200 is fully compatible with the standard 8051
instruction set. This means that the user can develop soft-
ware for the MSC1200 with existing 8051 development tools.
Additionally, a complete, integrated development environ-
ment is provided with each demo board, and third-party
developers also provide support.
Power Down Modes
The MSC1200 can power several of the peripherals and put
the CPU into IDLE. This is accomplished by shutting off the
clocks to those sections, as shown in Figure 4.
USEC
FB
MSECH
HMSEC
FE
MSINT
FA
ACLK
F6
divide
by 64
MSECL
FD
FC
ms
µs
100ms
Flash Write
Timing
Flash Erase
Timing
WDTCON
SECINT
F9
FF
FTCON
[3:0]
FTCON
[7:4]
EF
EF
seconds
interrupt
watchdog
milliseconds
interrupt
ADC Output Rate
ADCON3
ADCON2
DF
DE
Decimation Ratio
SPICON/
I2CCON 9A
C7
SCL/SCK
t
CLK
t
SYS
(30
µs to 40µs)
(5ms to 11ms)
PDCON.0
PDCON.1
Modulator Clock
PDCON.2
PDCON.3
IDLE
CPU Clock
Timers 0/1
SYSCLK
ADC Power Down
USART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com