Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 9 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 5Page - Texas Instruments SC1200 Datasheet HTML 6Page - Texas Instruments SC1200 Datasheet HTML 7Page - Texas Instruments SC1200 Datasheet HTML 8Page - Texas Instruments SC1200 Datasheet HTML 9Page - Texas Instruments SC1200 Datasheet HTML 10Page - Texas Instruments SC1200 Datasheet HTML 11Page - Texas Instruments SC1200 Datasheet HTML 12Page - Texas Instruments SC1200 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
MSC1200
9
SBAS289E
www.ti.com
TYPICAL CHARACTERISTICS
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, Bipolar, Buffer ON, and VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
Decimation Ratio =
f
MOD
f
DATA
0
500
1000
1500
2000
PGA4
PGA1
PGA2
PGA16
PGA8
PGA32
PGA64
PGA128
Sinc3 Filter, Buffer OFF
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Decimation Ratio =
f
MOD
f
DATA
Sinc3 Filter, Buffer ON
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Decimation Ratio =
f
MOD
f
DATA
AV
DD = 3V, Sinc
3 Filter,
V
REF = 1.25V, Buffer OFF
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
AV
DD = 3V, Sinc
3 Filter,
V
REF = 1.25V, Buffer ON
Decimation Ratio =
f
MOD
f
DATA
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA32
PGA128
PGA16
PGA64
Decimation Ratio =
f
MOD
f
DATA
Sinc2 Filter
EFFECTIVE NUMBER OF BITS vs DATA RATE
23
22
21
20
19
18
17
16
15
14
13
12
11
10
Data Rate (SPS)
1
10
100
1000
Sinc3 Filter, Buffer OFF
PGA1
PGA8
PGA32
PGA64
PGA128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com