Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 37 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 37 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 33Page - Texas Instruments SC1200 Datasheet HTML 34Page - Texas Instruments SC1200 Datasheet HTML 35Page - Texas Instruments SC1200 Datasheet HTML 36Page - Texas Instruments SC1200 Datasheet HTML 37Page - Texas Instruments SC1200 Datasheet HTML 38Page - Texas Instruments SC1200 Datasheet HTML 39Page - Texas Instruments SC1200 Datasheet HTML 40Page - Texas Instruments SC1200 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
MSC1200
37
SBAS289E
www.ti.com
7
6
5
4
3
2
1
0
Reset Value
SFR 99H
00H
SBUF0
Serial Data Buffer 0. Data for Serial Port 0 is read from or written to this location. The serial transmit and
bits 7-0
receive buffers are separate registers, but both are addressed at this location.
Serial Data Buffer 0 (SBUF0)
SM0-2
Serial Port 0 Mode. These bits control the mode of serial Port 0. Modes 1, 2, and 3 have 1 start and 1 stop bit
bits 7-5
in addition to the 8 or 9 data bits.
7
6
5
4
3
2
1
0
Reset Value
SFR 98H
SM0_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
00H
REN_0
Receive Enable. This bit enables/disables the serial Port 0 received shift register.
bit 4
0: Serial Port 0 reception disabled.
1: Serial Port 0 received enabled (modes 1, 2, and 3). Initiate synchronous reception (mode 0).
TB8_0
9th Transmission Bit State. This bit defines the state of the 9th transmission bit in serial Port 0 modes 2 and 3.
bit 3
RB8_0
9th Received Bit State. This bit identifies the state of the 9th reception bit of received data in serial Port 0 modes
bit 2
2 and 3. In serial port mode 1, when SM2_0 = 0, RB8_0 is the state of the stop bit. RB8_0 is not used in mode 0.
TI_0
Transmitter Interrupt Flag. This bit indicates that data in the serial Port 0 buffer has been completely shifted
bit 1
out. In serial port mode 0, TI_0 is set at the end of the 8th data bit. In all other modes, this bit is set at the end
of the last data bit. This bit must be manually cleared by software.
RI_0
Receiver Interrupt Flag. This bit indicates that a byte of data has been received in the serial Port 0 buffer. In
bit 0
serial port mode 0, RI_0 is set at the end of the 8th bit. In serial port mode 1, RI_0 is set after the last sample
of the incoming stop bit subject to the state of SM2_0. In modes 2 and 3, RI_0 is set after the last sample of
RB8_0. This bit must be manually cleared by software.
MODE SM0
SM1
SM2 FUNCTION
LENGTH
PERIOD
0
0
0
0
Synchronous
8 bits
12 pCLK(1)
0
0
0
1
Synchronous
8 bits
4 pCLK(1)
1
0
1
0
Asynchronous
10 bits
Timer 1 Baud Rate Equation
1
0
1
1
Asynchronous—Valid Stop Required(2)
10 bits
Timer 1 Baud Rate Equation
2
1
0
0
Asynchronous
11 bits
64 pCLK(1) (SMOD = 0)
32 pCLK(1) (SMOD = 1)
2
1
0
1
Asynchronous with Multiprocessor Communication
11 bits
64 pCLK(1) (SMOD = 0)
32 pCLK(1) (SMOD = 1)
3
1
1
0
Asynchronous
11 bits
Timer 1 Baud Rate Equation
3
1
1
1
Asynchronous with Multiprocessor Communication(3)
11 bits
Timer 1 Baud Rate Equation
NOTES: (1) pCLK will be equal to tCLK, except that pCLK will stop for IDLE. (2) RI_0 will only be activated when a valid stop
is received. (3) RI_0 will not be activated if bit 9 = 0.
Serial Port 0 Control (SCON0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com