Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 28 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 24Page - Texas Instruments SC1200 Datasheet HTML 25Page - Texas Instruments SC1200 Datasheet HTML 26Page - Texas Instruments SC1200 Datasheet HTML 27Page - Texas Instruments SC1200 Datasheet HTML 28Page - Texas Instruments SC1200 Datasheet HTML 29Page - Texas Instruments SC1200 Datasheet HTML 30Page - Texas Instruments SC1200 Datasheet HTML 31Page - Texas Instruments SC1200 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
MSC1200
28
SBAS289E
www.ti.com
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CADDR 3FH
EPMA
PML
RSL
EBR
EWDR
1
DFSEL1
DFSEL0
Hardware Configuration Register 0 (HCR0)—Accessed Using SFR Registers CADDR and CDATA.
To read this register during normal operation, refer to the register descriptions for CADDR and CDATA.
EPMA
Enable Programming Memory Access (Security Bit).
bit 7
0: After reset in programming modes, Flash Memory can only be accessed in UAM mode until a mass erase is done.
1: Fully Accessible (default)
PML
Program Memory Lock (PML has Priority Over RSL).
bit 6
0: Enable all Flash Programming Modes in Program Memory; can be written in UAM.
1: Enable read only for Program Memory; cannot be written in UAM (default).
RSL
Reset Sector Lock. The reset sector can be used to provide another method of Flash Memory programming. This
bit 5
will allow Program Memory updates without changing the jumpers for in-circuit code updates or program
development. The code in this boot sector would then provide the monitor and programming routines with the ability
to jump into the main Flash code when programming is finished.
0: Enable Reset Sector Writing
1: Enable Read Only Mode for Reset Sector (4kB) (default)
EBR
Enable Boot ROM. Boot ROM is 1kB of code located in ROM, not to be confused with the 4kB Boot Sector located
bit 4
in Flash Memory.
0: Disable Internal Boot ROM
1: Enable Internal Boot ROM (default)
EWDR
Enable Watchdog Reset.
bit 3
0: Disable Watchdog Reset
1: Enable Watchdog Reset (default)
DFSEL1-0 Data Flash Memory Size (see Table II).
bits 1-0
00: 4kB Data Flash Memory (MSC1200Y3 Only)
01: 2kB Data Flash Memory
10: 1kB Data Flash Memory
11: No Data Flash Memory (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com