Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 46 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 46 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 42Page - Texas Instruments SC1200 Datasheet HTML 43Page - Texas Instruments SC1200 Datasheet HTML 44Page - Texas Instruments SC1200 Datasheet HTML 45Page - Texas Instruments SC1200 Datasheet HTML 46Page - Texas Instruments SC1200 Datasheet HTML 47Page - Texas Instruments SC1200 Datasheet HTML 48Page - Texas Instruments SC1200 Datasheet HTML 49Page - Texas Instruments SC1200 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
MSC1200
46
SBAS289E
www.ti.com
ADC Offset Calibration Register Middle Byte (OCM)
7
6
5
4
3
2
1
0
Reset Value
SFR D2H
00H
OCM
ADC Offset Calibration Register Middle Byte. This is the middle byte of the 24-bit word that contains the ADC
bits 7-0
offset calibration. A value which is written to this location will set the ADC offset calibration value.
ADC Offset Calibration Register High Byte (OCH)
7
6
5
4
3
2
1
0
Reset Value
SFR D3H
MSB
00H
OCH
ADC Offset Calibration Register High Byte. This is the high byte of the 24-bit word that contains the
bits 7-0
ADC offset calibration. A value which is written to this location will set the ADC offset calibration value.
Program Status Word (PSW)
CY
Carry Flag. This bit is set when the last arithmetic operation resulted in a carry (during addition) or a borrow
bit 7
(during subtraction). Otherwise it is cleared to 0 by all arithmetic operations.
AC
Auxiliary Carry Flag. This bit is set to 1 if the last arithmetic operation resulted in a carry into (during addition),
bit 6
or a borrow (during substraction) from the high order nibble. Otherwise it is cleared to 0 by all arithmetic
operations.
F0
User Flag 0. This is a bit-addressable, general-purpose flag for software control.
bit 5
RS1, RS0
Register Bank Select 1-0. These bits select which register bank is addressed during register accesses.
bits 4-3
OV
Overflow Flag. This bit is set to 1 if the last arithmetic operation resulted in a carry (addition), borrow
bit 2
(subtraction), or overflow (multiply or divide). Otherwise it is cleared to 0 by all arithmetic operations.
F1
User Flag 1. This is a bit-addressable, general-purpose flag for software control.
bit 1
P
Parity Flag. This bit is set to 1 if the modulo-2 sum of the 8 bits of the accumulator is 1 (odd parity); and
bit 0
cleared to 0 on even parity.
ADC Offset Calibration Register Low Byte (OCL)
7
6
5
4
3
2
1
0
Reset Value
SFR D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00H
RS1
RS0
REGISTER BANK
ADDRESS
00
0
00H-07H
01
1
08H-0FH
10
2
10H-17H
11
3
18H-1FH
OCL
ADC Offset Calibration Register Low Byte. This is the low byte of the 24-bit word that contains the
bits 7-0
ADC offset calibration. A value which is written to this location will set the ADC offset calibration value.
7
6
5
4
3
2
1
0
Reset Value
SFR D1H
LSB
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com