| Electronic Components Datasheet Search |
|
SC1200 Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SC1200 Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 60 page ![]() MSC1200 36 SBAS289E www.ti.com IE5 External Interrupt 5 Flag. This bit will be set when a falling edge is detected on INT5. This bit must be bit 7 cleared manually by software. Setting this bit in software will cause an interrupt if enabled. IE4 External Interrupt 4 Flag. This bit will be set when a rising edge is detected on INT4. This bit must be cleared bit 6 manually by software. Setting this bit in software will cause an interrupt if enabled. IE3 External Interrupt 3 Flag. This bit will be set when a falling edge is detected on INT3. This bit must be cleared bit 5 manually by software. Setting this bit in software will cause an interrupt if enabled. IE2 External Interrupt 2 Flag. This bit will be set when a rising edge is detected on INT2. This bit must be cleared bit 4 manually by software. Setting this bit in software will cause an interrupt if enabled. Configuration Address Register (CADDR) (write only) 7 6 5 4 3 2 1 0 Reset Value SFR 94H 00H 7 6 5 4 3 2 1 0 Reset Value SFR 93H 00H CADDR Configuration Address Register. This register supplies the address for reading bytes in the 64 bytes of Flash Configuration bits 7-0 Memory. Always use the Boot ROM CADDR access routine. This register is also used for SFR read and write routines. WARNING: If this register is written to while executing from Flash Memory, the CDATA register will be incorrect. Configuration Data Register (CDATA) CDATA Configuration Data Register. This register will contain the data in the 64 bytes of Flash Configuration Memory bits 7-0 that is located at the last written address in the CADDR register. This is a read-only register. 7 6 5 4 3 2 1 0 Reset Value SFR 91H IE5 IE4 IE3 IE2 1 0 0 0 08H External Interrupt Flag (EXIF) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |