Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 12 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 8Page - Texas Instruments SC1200 Datasheet HTML 9Page - Texas Instruments SC1200 Datasheet HTML 10Page - Texas Instruments SC1200 Datasheet HTML 11Page - Texas Instruments SC1200 Datasheet HTML 12Page - Texas Instruments SC1200 Datasheet HTML 13Page - Texas Instruments SC1200 Datasheet HTML 14Page - Texas Instruments SC1200 Datasheet HTML 15Page - Texas Instruments SC1200 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
MSC1200
12
SBAS289E
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, Bipolar, Buffer ON, and VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
1.00006
1.00004
1.00002
1
0.99998
0.99996
0.99994
OFFSET DAC: GAIN vs TEMPERATURE
Temperature (
°C)
–40
+25
+85
DIGITAL SUPPLY CURRENT vs FREQUENCY
Clock Frequency (MHz)
1
10
100
100
10
1
0.1
DV
DD = 5V
DIGITAL SUPPLY CURRENT vs CLOCK DIVIDER
Clock Frequency (MHz)
1
10
100
100
10
1
0.1
1024
Divider Values
2
1
4
8
16
32
DIGITAL SUPPLY CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
10
8
6
4
2
0
–40
°C
+85
°C
+25
°C
CMOS DIGITAL OUTPUT
Output Current (mA)
020
10
40
30
70
60
50
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3V
Low
Output
5V
Low
Output
5V
3V
NORMALIZED GAIN vs PGA
PGA Setting
14
216
8
128
64
32
101
100
99
98
97
96
95
Buffer ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com