Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 44 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 44 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 40Page - Texas Instruments SC1200 Datasheet HTML 41Page - Texas Instruments SC1200 Datasheet HTML 42Page - Texas Instruments SC1200 Datasheet HTML 43Page - Texas Instruments SC1200 Datasheet HTML 44Page - Texas Instruments SC1200 Datasheet HTML 45Page - Texas Instruments SC1200 Datasheet HTML 46Page - Texas Instruments SC1200 Datasheet HTML 47Page - Texas Instruments SC1200 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
MSC1200
44
SBAS289E
www.ti.com
Port 3 Data Direction High Register (P3DDRH)
7
6
5
4
3
2
1
0
Reset Value
SFR B4H
P37H
P37L
P36H
P36L
P35H
P35L
P34H
P34L
00H
P3.7
Port 3 bit 7 control.
bits 7-6
P3.6
Port 3 bit 6 control.
bits 5-4
P3.5
Port 3 bit 5 control.
bits 3-2
P3.4
Port 3 bit 4 control.
bits 1-0
P36H
P36L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P35H
P35L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P34H
P34L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P37H
P37L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
7
6
5
4
3
2
1
0
Reset Value
SFR B5H
00H
NOTE: Port 3.7 also controlled by EA and Memory Access Control HCR1.1.
NOTE: Port 3.6 also controlled by EA and Memory Access Control HCR1.1.
IDAC Register
IDAC
IDAC Register.
bits 7-0
IDACOUT = IDAC • 3.8µA (~1mA full-scale). Setting (PDCON.PDIDAC) will shut down IDAC and float the IDAC pin.
Interrupt Priority (IP)
PS0
Serial Port 0 Interrupt. This bit controls the priority of the serial Port 0 interrupt.
bit 4
0 = Serial Port 0 priority is determined by the natural priority order.
1 = Serial Port 0 is a high priority interrupt.
PT1
Timer 1 Interrupt. This bit controls the priority of the Timer 1 interrupt.
bit 3
0 = Timer 1 priority is determined by the natural priority order.
1 = Timer 1 priority is a high priority interrupt.
PX1
External Interrupt 1. This bit controls the priority of external interrupt 1.
bit 2
0 = External interrupt 1 priority is determined by the natural priority order.
1 = External interrupt 1 is a high priority interrupt.
PT0
Timer 0 Interrupt. This bit controls the priority of the Timer 0 interrupt.
bit 1
0 = Timer 0 priority is determined by the natural priority order.
1 = Timer 0 priority is a high priority interrupt.
PX0
External Interrupt 0. This bit controls the priority of external interrupt 0.
bit 0
0 = External interrupt 0 priority is determined by the natural priority order.
1 = External interrupt 0 is a high priority interrupt.
7
6
5
4
3
2
1
0
Reset Value
SFR B8H
1
0
0
PS0
PT1
PX1
PT0
PX0
80H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com