Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 11 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 7Page - Texas Instruments SC1200 Datasheet HTML 8Page - Texas Instruments SC1200 Datasheet HTML 9Page - Texas Instruments SC1200 Datasheet HTML 10Page - Texas Instruments SC1200 Datasheet HTML 11Page - Texas Instruments SC1200 Datasheet HTML 12Page - Texas Instruments SC1200 Datasheet HTML 13Page - Texas Instruments SC1200 Datasheet HTML 14Page - Texas Instruments SC1200 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
MSC1200
11
SBAS289E
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, Bipolar, Buffer ON, and VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
ADC CURRENT vs PGA
PGA Setting
18
24
32
16
128
64
AV
DD = 5V, Buffer = ON
AV
DD = 5V, Buffer = OFF
AV
DD = 3V, Buffer = ON
AV
DD = 3V, Buffer = OFF
4500
4000
3500
3000
2500
2000
1500
1000
500
0
HISTOGRAM OF OUTPUT DATA
ppm of FS
–2
–1.5
–1
–0.5
0
0.5
1
1.5
2
30
25
20
15
10
5
0
ADC INTEGRAL NONLINEARITY vs V
REF
V
REF (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN = VREF
Buffer OFF
AV
DD = 3V
AV
DD = 5V
INL ERROR vs PGA
PGA Setting
14
216
8
128
64
32
50
45
40
35
30
25
20
15
10
5
0
AV
DD = 5V
V
REF = 2.5V
1.3
1.3
1.2
1.2
1.1
1.1
1.0
1.0
0.9
ANALOG SUPPLY CURRENT
Analog Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–40
°C
+25
°C
+85
°C
PGA = 128, ADC = ON
V
REF = ON, DBOR = ON
ALVD = ON, IDAC = ON
10
8
6
4
2
0
–2
–4
–6
–8
–10
–12
OFFSET DAC: OFFSET vs TEMPERATURE
Temperature (
°C)
–40
+25
+85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com