Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 43 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 43 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 39Page - Texas Instruments SC1200 Datasheet HTML 40Page - Texas Instruments SC1200 Datasheet HTML 41Page - Texas Instruments SC1200 Datasheet HTML 42Page - Texas Instruments SC1200 Datasheet HTML 43Page - Texas Instruments SC1200 Datasheet HTML 44Page - Texas Instruments SC1200 Datasheet HTML 45Page - Texas Instruments SC1200 Datasheet HTML 46Page - Texas Instruments SC1200 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
MSC1200
43
SBAS289E
www.ti.com
7
6
5
4
3
2
1
0
Reset Value
SFR B3H
P33H
P33L
P32H
P32L
P31H
P31L
P30H
P30L
00H
P33H
P33L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P32H
P32L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P31H
P31L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P30H
P30L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
7
6
5
4
3
2
1
0
Reset Value
SFR B0H
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
FFH
SCK/SCL/CLKS
T1
T0
INT1
INT0
TXD0
RXD0
Port 3 (P3)
P3.7-0
General-Purpose I/O Port 3. This register functions as a general-purpose I/O port. In addition, all the pins have
bits 7-0
an alternative function listed below. Each of the functions is controlled by several other SFRs. The associated
Port 3 latch bit must contain a logic ‘1’ before the pin can be used in its alternate function capacity.
SCK/SCL/CLKS
Clock Source Select. Refer to PASEL (SFR F2H).
bit 6
T1
Timer/Counter 1 External Input. A 1 to 0 transition on this pin will increment Timer 1.
bit 5
T0
Timer/Counter 0 External Input. A 1 to 0 transition on this pin will increment Timer 0.
bit 4
INT1
External Interrupt 1. A falling edge/low level on this pin will cause an external interrupt 1 if enabled.
bit 3
INT0
External Interrupt 0. A falling edge/low level on this pin will cause an external interrupt 0 if enabled.
bit 2
TXD0
Serial Port 0 Transmit. This pin transmits the serial Port 0 data in serial port modes 1, 2, 3, and emits the
bit 1
synchronizing clock in serial port mode 0.
RXD0
Serial Port 0 Receive. This pin receives the serial Port 0 data in serial port modes 1, 2, 3, and is a bidirectional
bit 0
data transfer pin in serial port mode 0.
Port 3 Data Direction Low Register (P3DDRL)
P3.3
Port 3 bit 3 control.
bits 7-6
P3.2
Port 3 bit 2 control.
bits 5-4
P3.1
Port 3 bit 1 control.
bits 3-2
P3.0
Port 3 bit 0 control.
bits 1-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com