Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 1 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 1 Page - Texas Instruments

  SC1200 Datasheet HTML 1Page - Texas Instruments SC1200 Datasheet HTML 2Page - Texas Instruments SC1200 Datasheet HTML 3Page - Texas Instruments SC1200 Datasheet HTML 4Page - Texas Instruments SC1200 Datasheet HTML 5Page - Texas Instruments SC1200 Datasheet HTML 6Page - Texas Instruments SC1200 Datasheet HTML 7Page - Texas Instruments SC1200 Datasheet HTML 8Page - Texas Instruments SC1200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
MSC
1200
MSC1200
SBAS289E – JUNE 2003 – REVISED NOVEMBER 2004
www.ti.com
Copyright © 2003-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
Precision Analog-to-Digital Converter (ADC)
and Digital-to-Analog Converter (DAC)
with 8051 Microcontroller and Flash Memory
FEATURES
ANALOG FEATURES
q 24-BITS NO MISSING CODES
q 22-BITS EFFECTIVE RESOLUTION AT 10Hz
Low Noise: 75nV
q PGA FROM 1 TO 128
q PRECISION ON-CHIP VOLTAGE REFERENCE
q 8 DIFFERENTIAL/SINGLE-ENDED CHANNELS
q ON-CHIP OFFSET/GAIN CALIBRATION
q OFFSET DRIFT: 0.02ppm/
°C
q GAIN DRIFT: 0.5ppm/
°C
q ON-CHIP TEMPERATURE SENSOR
q SELECTABLE BUFFER INPUT
q BURNOUT DETECT
q 8-BIT CURRENT DAC
DIGITAL FEATURES
Microcontroller Core
q 8051-COMPATIBLE
q HIGH-SPEED CORE:
4 Clocks per Instruction Cycle
q DC TO 33MHz
q ON-CHIP OSCILLATOR
q PLL WITH 32kHz CAPABILITY
q SINGLE INSTRUCTION 121ns
q DUAL DATA POINTER
Memory
q 4kB OR 8kB OF FLASH MEMORY
q FLASH MEMORY PARTITIONING
q ENDURANCE 1M ERASE/WRITE CYCLES,
100 YEAR DATA RETENTION
q 128 BYTES DATA SRAM
q IN-SYSTEM SERIALLY PROGRAMMABLE
q FLASH MEMORY SECURITY
q 1kB BOOT ROM
Peripheral Features
q 16 DIGITAL I/O PINS
q ADDITIONAL 32-BIT ACCUMULATOR
q TWO 16-BIT TIMER/COUNTERS
q SYSTEM TIMERS
q PROGRAMMABLE WATCHDOG TIMER
q FULL DUPLEX USART
q BASIC SPI™
q BASIC I2C™
q POWER MANAGEMENT CONTROL
q INTERNAL CLOCK DIVIDER
q IDLE MODE CURRENT < 200
µA
q STOP MODE CURRENT < 100nA
q DIGITAL BROWNOUT RESET
q ANALOG LOW VOLTAGE DETECT
q 20 INTERRUPT SOURCES
GENERAL FEATURES
q PACKAGE: TQFP-48
q LOW POWER: 3mW
q INDUSTRIAL TEMPERATURE RANGE:
–40
°C to +85°C
q POWER SUPPLY: 2.7V to 5.25V
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q INSTRUMENTATION
q LIQUID/GAS CHROMATOGRAPHY
q BLOOD ANALYSIS
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTS
q WEIGH SCALES
q PRESSURE TRANSDUCERS
q INTELLIGENT SENSORS
q PORTABLE APPLICATIONS
q DAS SYSTEMS
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SC1200

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
Low Voltage Synchronous Boost Converter
SC120 SEMTECH-SC120 Datasheet
557Kb / 32P
Low Voltage Synchronous Boost Regulator
logo
GardTec, Inc.
SC120-P10 GARDTEC-SC120-P10 Datasheet
26Kb / 1P
Thru-hole Plastic
SC120-P50 GARDTEC-SC120-P50 Datasheet
92Kb / 1P
PLASTIC FAN GARD
SC120-P51 GARDTEC-SC120-P51 Datasheet
104Kb / 1P
PLASTIC FAN GARD
More results

Similar Description - SC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
Precision Analog-to-Digital Converter (ADC)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
Analog-to-Digital Converter (ADC)
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com