Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 18 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 14Page - Texas Instruments SC1200 Datasheet HTML 15Page - Texas Instruments SC1200 Datasheet HTML 16Page - Texas Instruments SC1200 Datasheet HTML 17Page - Texas Instruments SC1200 Datasheet HTML 18Page - Texas Instruments SC1200 Datasheet HTML 19Page - Texas Instruments SC1200 Datasheet HTML 20Page - Texas Instruments SC1200 Datasheet HTML 21Page - Texas Instruments SC1200 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
MSC1200
18
SBAS289E
www.ti.com
FIGURE 8. Filter Step Responses.
SETTLING TIME
FILTER
(Conversion Cycles)
Sinc3
3(1)
Sinc2
2(1)
Fast
1(1)
NOTE: (1) With Synchronized Channel Changes.
CONVERSION CYCLE
12
3
4+
Discard
Fast
Sinc2
Sinc3
AUTO MODE FILTER SELECTION
FILTER SETTLING TIME
Adjustable Digital Filter
Data Out
Modulator
Fast Settling
Sinc2
Sinc3
RMS
FULL-SCALE
ENOB
MEASUREMENT
PGA
RANGE
AT 10Hz
RESOLUTION
SETTING
(V)
(BITS)
(nV)
1
±2.5
21.7
1468
2
±1.25
21.5
843
4
±0.625
21.4
452
8
±0.313
21.2
259
16
±0.156
20.8
171
32
±0.0781
20.4
113
64
±0.039
20
74.5
128
±0.019
19
74.5
TABLE I. ENOB Versus PGA.
PGA
The PGA can be set to gains of 1, 2, 4, 8, 16, 32, 64, or 128.
Using the PGA can actually improve the effective resolution
of the ADC. For instance, with a PGA of 1 on a
±2.5V full-
scale range, the ADC can resolve to 1.5
µV. With a PGA of
128 on a
±19mV full-scale range, the ADC can resolve to
75nV. With a PGA of 1 on a
±2.5V full-scale range, it would
require a 26-bit ADC to resolve 75nV, as shown in Table I.
OFFSET DAC
The analog output from the PGA can be offset by up to half
the full-scale input range of the PGA by using the ODAC
register (SFR E6H). The ODAC (Offset DAC) register is an 8-
bit value; the MSB is the sign and the seven LSBs provide
the magnitude of the offset. Since the ODAC introduces an
analog (instead of digital) offset to the PGA, using the ODAC
does not reduce the range of the ADC.
MODULATOR
The modulator is a single-loop 2nd-order system. The modu-
lator runs at a clock speed (fMOD) that is derived from the CLK
using the value in the Analog Clock register (ACLK, F6H).
The data output rate is:
Data Rate = fDATA =
f
Decimation Ratio
MOD
where fMOD =
f
ACLK
f
CLK
ACLK
()
+•
=
164
64
CALIBRATION
The offset and gain errors in the MSC1200, or the complete
system, can be reduced with calibration. Calibration is con-
trolled through the ADCON1 register (SFR DDH), bits
CAL2:CAL0. Each calibration process takes seven tDATA
periods (data conversion time) to complete. Therefore, it
takes 14 tDATA periods to complete both an offset and gain
calibration.
For system calibration, the appropriate signal must be
applied to the inputs. The system offset calibration requires a
zero-differential input signal. It then computes an offset value
that will nullify offset in the system. The system gain calibration
requires a positive full-scale differential input signal. It then
computes a gain value to nullify gain errors in the system.
Each of these calibrations will take seven tDATA periods to
complete.
Calibration should be performed after power on, a change in
temperature, power supply, voltage reference, decimation
ratio, buffer, or a change of the PGA. Calibration will remove
the effects of the Offset DAC; therefore, changes to the
Offset DAC register should be done after calibration.
At the completion of calibration, the ADC Interrupt bit goes
high, which indicates the calibration is finished and valid data
is available.
DIGITAL FILTER
The Digital Filter can use either the Fast Settling, Sinc2, or
Sinc3 filter, as shown in Figure 8. In addition, the Auto mode
changes the Sinc filter after the input channel or PGA is
changed. When switching to a new channel, it will use the
Fast Settling filter, for the next two conversions the first of
which should be discarded. It will then use the Sinc2 followed
by the Sinc3 filter to improve noise performance. This com-
bines the low-noise advantage of the Sinc3 filter with the
quick response of the Fast Settling Time filter. The frequency
response of each filter is shown in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com