Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 40 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 40 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 36Page - Texas Instruments SC1200 Datasheet HTML 37Page - Texas Instruments SC1200 Datasheet HTML 38Page - Texas Instruments SC1200 Datasheet HTML 39Page - Texas Instruments SC1200 Datasheet HTML 40Page - Texas Instruments SC1200 Datasheet HTML 41Page - Texas Instruments SC1200 Datasheet HTML 42Page - Texas Instruments SC1200 Datasheet HTML 43Page - Texas Instruments SC1200 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
MSC1200
40
SBAS289E
www.ti.com
7
6
5
4
3
2
1
0
Reset Value
SFR A6H
ESEC
ESUM
EADC
EMSEC
EI2C
ECNT
EALV
0
00H
Auxiliary Interrupt Enable (AIE)
Interrupts are enabled by EICON.4 (SFR D8H). The other interrupts are controlled by the IE and EIE registers.
ESEC
Enable Second System Timer Interrupt (lowest priority auxiliary interrupt).
bit 7
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: Second Timer Interrupt mask.
ESUM
Enable Summation Interrupt.
bit 6
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: Summation Interrupt mask.
EADC
Enable ADC Interrupt.
bit 5
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: ADC Interrupt mask.
EMSEC
Enable Millisecond System Timer Interrupt.
bit 4
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: Millisecond System Timer Interrupt mask.
EI2C
Enable I2C Start/Stop Bit.
bit 3
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: I2C Start/Stop Bit mask.
ECNT
Enable Serial Bit Count Interrupt.
bit 2
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: Serial Bit Count Interrupt mask.
EALV
Enable Analog Low Voltage Interrupt.
bit 1
Write: Set mask bit for this interrupt; 0 = masked, 1 = enabled.
Read: Analog Low Voltage Detect Interrupt mask.
7
6
5
4
3
2
1
0
Reset Value
SFR A5H
0
0
0
0
PAI3
PAI2
PAI1
PAI0
00H
PAI3
PAI2
PAI1
PAI0
AUXILIARY INTERRUPT STATUS
0
0
0
0
No Pending Auxiliary IRQ
0
0
0
1
Reserved
0
0
1
0
Analog Low Voltage Detect IRQ and Possible Lower Priority Pending
00
1
1
I2C IRQ and Possible Lower Priority Pending
0
1
0
0
Serial Bit Count Interrupt and Possible Lower Priority Pending
0
1
0
1
Millisecond System Timer IRQ and Possible Lower Priority Pending
0
1
1
0
ADC IRQ and Possible Lower Priority Pending
0
1
1
1
Accumulator IRQ and Possible Lower Priority Pending
1
0
0
0
Second System Timer IRQ and Possible Lower Priority Pending
Pending Auxiliary Interrupt (PAI)
PAI
Pending Auxiliary Interrupt Register. The results of this register can be used as an index to vector to the appropriate
bits 3-0
interrupt routine. All of these interrupts vector through address 0033H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com