Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 56 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 56 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 52Page - Texas Instruments SC1200 Datasheet HTML 53Page - Texas Instruments SC1200 Datasheet HTML 54Page - Texas Instruments SC1200 Datasheet HTML 55Page - Texas Instruments SC1200 Datasheet HTML 56Page - Texas Instruments SC1200 Datasheet HTML 57Page - Texas Instruments SC1200 Datasheet HTML 58Page - Texas Instruments SC1200 Datasheet HTML 59Page - Texas Instruments SC1200 Datasheet HTML 60Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
MSC1200
56
SBAS289E
www.ti.com
The clock used for this timer is the 1ms clock which results from dividing the system clock by the values in registers MSECH:MSECL.
Reading this register will clear MSINT.
WRT
Write Control. Determines whether to write the value immediately or wait until the current count is finished. Read = 0.
bit 7
0 = Delay Write Operation. The MSINT value is loaded when the current count expires.
1 = Write Immediately. The MSINT counter is loaded once the CPU completes the write operation.
MSINT6-0
Seconds Count. Normal operation would use 1ms as the clock interval.
bits 6-0
MS Interrupt Interval = (1 + MSINT) • (MSEC + 1) • tCLK
7
6
5
4
3
2
1
0
Reset Value
SFR FAH
WRT
MSINT6
MSINT5
MSINT4
MSINT3
MSINT2
MSINT1
MSINT0
7FH
Milliseconds Interrupt (MSINT)
7
6
5
4
3
2
1
0
Reset Value
SFR F8H
1
1
1
PWDI
PX5
PX4
PX3
PX2
E0H
7
6
5
4
3
2
1
0
Reset Value
SFR F9H
WRT
SECINT6
SECINT5
SECINT4
SECINT3
SECINT2
SECINT1
SECINT0
7FH
This system clock is divided by the value of the 16-bit register MSECH:MSECL. Then that 1ms timer tick is divided by the register
HMSEC which provides the 100ms signal used by this seconds timer. Therefore, this seconds timer can generate an interrupt
which occurs from 100ms to 12.8 seconds. Reading this register will clear the Seconds Interrupt. This Interrupt can be monitored
in the AIE register.
WRT
Write Control. Determines whether to write the value immediately or wait until the current count is finished.
bit 7
Read = 0.
0 = Delay Write Operation. The SEC value is loaded when the current count expires.
1 = Write Immediately. The counter is loaded once the CPU completes the write operation.
SECINT6-0 Seconds Count. Normal operation would use 100ms as the clock interval.
bits 6-0
Seconds Interrupt = (1 + SEC) • (HMSEC + 1) • (MSEC + 1) • tCLK.
PWDI
Watchdog Interrupt Priority. This bit controls the priority of the watchdog interrupt.
bit 4
0 = The watchdog interrupt is low priority.
1 = The watchdog interrupt is high priority.
PX5
External Interrupt 5 Priority. This bit controls the priority of external interrupt 5.
bit 3
0 = External interrupt 5 is low priority.
1 = External interrupt 5 is high priority.
PX4
External Interrupt 4 Priority. This bit controls the priority of external interrupt 4.
bit 2
0 = External interrupt 4 is low priority.
1 = External interrupt 4 is high priority.
PX3
External Interrupt 3 Priority. This bit controls the priority of external interrupt 3.
bit 1
0 = External interrupt 3 is low priority.
1 = External interrupt 3 is high priority.
PX2
External Interrupt 2 Priority. This bit controls the priority of external interrupt 2.
bit 0
0 = External interrupt 2 is low priority.
1 = External interrupt 2 is high priority.
Seconds Timer Interrupt (SECINT)
Extended Interrupt Priority (EIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com