Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 35 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 35 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 31Page - Texas Instruments SC1200 Datasheet HTML 32Page - Texas Instruments SC1200 Datasheet HTML 33Page - Texas Instruments SC1200 Datasheet HTML 34Page - Texas Instruments SC1200 Datasheet HTML 35Page - Texas Instruments SC1200 Datasheet HTML 36Page - Texas Instruments SC1200 Datasheet HTML 37Page - Texas Instruments SC1200 Datasheet HTML 38Page - Texas Instruments SC1200 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
MSC1200
35
SBAS289E
www.ti.com
Port 1 (P1)
7
6
5
4
3
2
1
0
Reset Value
SFR 90H
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
FFH
INT5
INT4
INT3
INT2/SS
DIN
DOUT
PROG
P1.7-0
General-Purpose I/O Port 1. This register functions as a general-purpose I/O port. In addition, all the pins have
bits 7-0
an alternative function listed below. Each of the functions is controlled by several other SFRs. The associated Port
1 latch bit must contain a logic ‘1’ before the pin can be used in its alternate function capacity. To use the alternate
function, set the appropriate mode in P1DDRL (SFR AEH), P1DDRH (SFR AFH).
INT5
External Interrupt 5.A falling edge on this pin will cause an external interrupt 5 if enabled.
bit 7
INT4
External Interrupt 4. A rising edge on this pin will cause an external interrupt 4 if enabled.
bit 6
INT3
External Interrupt 3. A falling edge on this pin will cause an external interrupt 3 if enabled.
bit 5
INT2/SS
External Interrupt 2. A rising edge on this pin will cause an external interrupt 2 if enabled. This pin can be used
bit 4
as slave select (SS) in SPI slave mode.
DIN
Serial Data In. This pin receives serial data in SPI and I2C modes (in I2C mode, this pin should be configured
bit 3
as an input) or standard 8051.
DOUT
Serial Data Out. This pin transmits serial data in SPI and I2C modes (in I2C mode, this pin should be configured
bit 2
as an open drain) or standard 8051.
PROG
Program Mode. When this pin is pulled low at power-up, the device enters Serial Programming mode (refer to
bit 0
Figure B).
Timer 1 MSB (TH1)
7
6
5
4
3
2
1
0
Reset Value
SFR 8DH
TH1.7
TH1.6
TH1.5
TH1.4
TH1.3
TH1.2
TH1.1
TH1.0
00H
7
6
5
4
3
2
1
0
Reset Value
SFR 8EH
0
0
0
T1M
T0M
MD2
MD1
MD0
01H
TH1.7-0
Timer 1 MSB. This register contains the most significant byte of Timer 1.
bits 7-0
Clock Control (CKCON)
T1M
Timer 1 Clock Select. This bit controls the division of the system clock that drives Timer 1. Clearing this bit to 0
bit 4
maintains 8051 compatibility. This bit has no effect on instruction cycle timing.
0: Timer 1 uses a divide by 12 of the crystal frequency.
1: Timer 1 uses a divide by 4 of the crystal frequency.
T0M
Timer 0 Clock Select. This bit controls the division of the system clock that drives Timer 0. Clearing this bit to 0
bit 3
maintains 8051 compatibility. This bit has no effect on instruction cycle timing.
0: Timer 0 uses a divide by 12 of the crystal frequency.
1: Timer 0 uses a divide by 4 of the crystal frequency.
MD2, MD1, MD0 Stretch MOVX Select. These bits select the time by which MOVX cycles are to be stretched. Since the MSC1200
bit 3
does not allow external memory access, these bits should be set to 000B to allow for the fastest flash data memory
access.
Memory Write Select (MWS)
MXWS
MOVX Write Select. This allows writing to the internal Flash program memory.
bit 0
0: No writes are allowed to the internal Flash program memory.
1: Writing is allowed to the internal Flash program memory, unless PML (HCR0) or RSL (HCR0) are on.
7
6
5
4
3
2
1
0
Reset Value
SFR 8FH
00
0
0
0
0
0
MXWS
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com