Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 14 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 10Page - Texas Instruments SC1200 Datasheet HTML 11Page - Texas Instruments SC1200 Datasheet HTML 12Page - Texas Instruments SC1200 Datasheet HTML 13Page - Texas Instruments SC1200 Datasheet HTML 14Page - Texas Instruments SC1200 Datasheet HTML 15Page - Texas Instruments SC1200 Datasheet HTML 16Page - Texas Instruments SC1200 Datasheet HTML 17Page - Texas Instruments SC1200 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
MSC1200
14
SBAS289E
www.ti.com
The MSC1200Yx allows the user to uniquely configure the
Flash memory map to meet the needs of their application.
The Flash is programmable down to 2.7V using serial pro-
gramming. Flash endurance is typically 1M Erase/Write cycles.
The part has separate analog and digital supplies, which can
be independently powered from 2.7V to +5.25V. At +3V
operation, the power dissipation for the part is typically less
than 4mW. The MSC1200Yx is packaged in a TQFP-48
package.
The MSC1200Yx is designed for high-resolution measurement
applications in smart transmitters, industrial process control,
weigh scales, chromatography, and portable instrumentation.
ENHANCED 8051 CORE
All instructions in the MSC1200 family perform exactly the same
functions as they would in a standard 8051. The effect on bits,
flags, and registers is the same. However, the timing is different.
The MSC1200 family utilizes an efficient 8051 core which results
in an improved instruction execution speed of between 1.5 and
3 times faster than the original core for the same external clock
speed (4 clock cycles per instruction versus 12 clock cycles per
instruction, as shown in Figure 2). This translates into an effective
throughput improvement of more than 2.5 times, using the same
code and same external clock speed. Therefore, a device
frequency of 33MHz for the MSC1200Yx actually performs at an
equivalent execution speed of 82.5MHz compared to the
DESCRIPTION
The MSC1200Yx is a completely integrated family of mixed-
signal devices incorporating a high-resolution delta-sigma
ADC, 8-bit IDAC, 8-channel multiplexer, burnout detect cur-
rent sources, selectable buffered input, offset DAC, program-
mable gain amplifier (PGA), temperature sensor, voltage
reference, 8-bit microcontroller, Flash Program Memory, Flash
Data Memory, and Data SRAM, as shown in Figure 1.
On-chip peripherals include an additional 32-bit accumulator,
basic SPI, basic I2C, USART, multiple digital input/output
ports, watchdog timer, low-voltage detect, on-chip power-on
reset, brownout reset, timer/counters, system clock divider,
PLL, on-chip oscillator, and external interrupts.
The device accepts low-level differential or single-ended
signals directly from a transducer. The ADC provides 24 bits
of resolution and 24 bits of no-missing-code performance
using a Sinc3 filter with a programmable sample rate. The
ADC also has a selectable filter that allows for high-resolu-
tion single-cycle conversion.
The microcontroller core is 8051 instruction set compatible. The
microcontroller core is an optimized 8051 core that executes up
to three times faster than the standard 8051 core, given the
same clock source. This makes it possible to run the device at
a lower external clock frequency and achieve the same perfor-
mance at lower power than the standard 8051 core.
ACC
MUX
AV
DD
V
REF
Modulator
4K or 8K
FLASH
128 Bytes
SRAM
Digital
Filter
8051
SFR
ALVD
DBOR
System
Clock
Divider
POR
PORT1
WDT
Alternate
Functions
Timers/
Counters
PLL
PORT3
DIN
DOUT
SS
EXT (4)
PROG
USART
EXT (2)
T0
T1
SCK/SCL/CLKS
On-Chip
Oscillator
8-Bit
Offset DAC
8-Bit IDAC
Burnout
Detect
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AINCOM
IDAC
AGND
REFOUT/REFIN+ REFIN–
DV
DD
DGND
XIN XOUT
Temperature
Sensor
Burnout
Detect
RST
CAP
220pF Ceramic
AGND
AV
DD
BUFFER
PGA
NOTE (1) REF IN
− must be tied to AGND when using internal V
REF.
(1)
FIGURE 1. Block Diagram.
FIGURE 2. Instruction Cycle Timing.
CLK
instr_cycle
cpu_cycle
C1
C2
C3
C4
C1
C2
C3
C4
C1
n + 1
n + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com