Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 29 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 29 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 25Page - Texas Instruments SC1200 Datasheet HTML 26Page - Texas Instruments SC1200 Datasheet HTML 27Page - Texas Instruments SC1200 Datasheet HTML 28Page - Texas Instruments SC1200 Datasheet HTML 29Page - Texas Instruments SC1200 Datasheet HTML 30Page - Texas Instruments SC1200 Datasheet HTML 31Page - Texas Instruments SC1200 Datasheet HTML 32Page - Texas Instruments SC1200 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
MSC1200
29
SBAS289E
www.ti.com
76
54
32
1
0
CADDR 3EH
11
11
1
DDB
1
1
Hardware Configuration Register 1 (HCR1)
To read this register during normal operation, refer to the register descriptions for CADDR and CDATA.
DDB
Disable Digital Brownout Detection
bit 2
0: Enable Digital Brownout Detection (2.7V)
1: Disable Digital Brownout Detection (default)
Hardware Configuration Register 2 (HCR2)
76
54
32
1
0
CADDR 3DH
0
0
0
0
0
CLKSEL2
CLKSEL1
CLKSEL0
To read this register during normal operation, refer to the register descriptions for CADDR and CDATA.
CLKSEL2-0 Clock Select
bits 2-0
000: Reserved
001: Reserved
010: Reserved
011: External Clock Mode
100: PLL High-Frequency (HF) Mode
101: PLL Low-Frequency (LF) Mode
110: Internal Oscillator High-Frequency (HF) Mode
111: Internal Oscillator Low-Frequency (LF) Mode
Configuration Memory Programming
Certain key functions such as Brownout Reset and Watchdog Timer are controlled by the hardware configuration bits. These
bits are nonvolatile and can only be changed through serial flash programming. Other peripheral control and status functions,
such as ADC configuration timer setup, and Flash control are controlled through the SFRs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com