Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 52 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 52 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 48Page - Texas Instruments SC1200 Datasheet HTML 49Page - Texas Instruments SC1200 Datasheet HTML 50Page - Texas Instruments SC1200 Datasheet HTML 51Page - Texas Instruments SC1200 Datasheet HTML 52Page - Texas Instruments SC1200 Datasheet HTML 53Page - Texas Instruments SC1200 Datasheet HTML 54Page - Texas Instruments SC1200 Datasheet HTML 55Page - Texas Instruments SC1200 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
MSC1200
52
SBAS289E
www.ti.com
Low Voltage Detect Control (LVDCON)
ALVDIS
Analog Low Voltage Detect Disable.
bit 7
0 = Enable Detection of Low Analog Supply Voltage (ALVD interrupt set when AVDD < 2.8V).
1 = Disable Detection of Low Analog Supply Voltage.
7
6
5
4
3
2
1
0
Reset Value
SFR E7H
ALVDIS
0
0
0
1
1
1
1
8FH
Extended Interrupt Enable (EIE)
7
6
5
4
3
2
1
0
Reset Value
SFR E8H
1
1
1
EWDI
EX5
EX4
EX3
EX2
E0H
EWDI
Enable Watchdog Interrupt. This bit enables/disables the watchdog interrupt. The Watchdog timer is enabled by
the WDTCON (SFR FFH) and PDCON (SFR F1H) registers.
bit 4
0 = Disable the Watchdog Interrupt
1 = Enable Interrupt Request Generated by the Watchdog Timer
EX5
External Interrupt 5 Enable. This bit enables/disables external interrupt 5.
bit 3
0 = Disable External Interrupt 5
1 = Enable External Interrupt 5
EX4
External Interrupt 4 Enable. This bit enables/disables external interrupt 4.
bit 2
0 = Disable External Interrupt 4
1 = Enable External Interrupt 4
EX3
External Interrupt 3 Enable. This bit enables/disables external interrupt 3.
bit 1
0 = Disable External Interrupt 3
1 = Enable External Interrupt 3
EX2
External Interrupt 2 Enable. This bit enables/disables external interrupt 2.
bit 0
0 = Disable External Interrupt 2
1 = Enable External Interrupt 2
Offset DAC Register (ODAC)
ODAC
Offset DAC Register. This register will shift the input by up to half of the ADC full-scale input range. The offset
bit7-0
DAC value is summed with the ADC input prior to conversion. Writing 00H or 80H to ODAC turns off the Offset DAC.
bit 7
Offset DAC Sign bit.
0 = Positive
1 = Negative
bit 6-0
Offset =
−
•
• 


•−
V
PGA
ODAC
REF
bit
2
60
127
1
7
[: ]
()
NOTE: ODAC cannot be used to offset the input so that the buffer can be used for AGND signals.
7
6
5
4
3
2
1
0
Reset Value
SFR E6H
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com