Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 38 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 38 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 34Page - Texas Instruments SC1200 Datasheet HTML 35Page - Texas Instruments SC1200 Datasheet HTML 36Page - Texas Instruments SC1200 Datasheet HTML 37Page - Texas Instruments SC1200 Datasheet HTML 38Page - Texas Instruments SC1200 Datasheet HTML 39Page - Texas Instruments SC1200 Datasheet HTML 40Page - Texas Instruments SC1200 Datasheet HTML 41Page - Texas Instruments SC1200 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
MSC1200
38
SBAS289E
www.ti.com
SPI Control (SPICON) (SERSEL bit determines SPICON control)
SBIT3-0
Serial Bit Count. Number of bits transferred (read only).
bits 7-4
SBIT3:0
COUNT
0x00
0
0x01
1
0x03
2
0x02
3
0x06
4
0x07
5
0x05
6
0x04
7
0x0C
8
7
6
5
4
3
2
1
0
Reset Value
SFR 9AH
SBIT3
SBIT2
SBIT1
SBIT0
ORDER
CPHA
ESS
CPOL
00H
ORDER
Set Bit Order for Transmit and Receive.
bit 3
0: Most Significant Bits First
1: Least Significant Bits First
CPHA
Serial Clock Phase Control.
bit 2
0: Valid data starting from half SCK period before the first edge of SCK
1: Valid data starting from the first edge of SCK
ESS
Enable Slave Select.
bit 1
0: SS (P1.4) is configured as a general-purpose I/O (default).
1: SS (P1.4) is configured as SS for SPI mode. DOUT (P1.2) drives when SS is low, and DOUT (P1.2) is high-
impedance when SS is high.
CPOL
Serial Clock Polarity.
bit 0
0: SCK idle at logic LOW
1: SCK idle at logic HIGH
7
6
5
4
3
2
1
0
Reset Value
SFR 9AH
SBIT3
SBIT2
SBIT1
SBIT0
STOP
START
DCS
CNTSEL
00H
I2C Control (I2CCON) (SERSEL bit determines I2CCON control)
SBIT3-0
Serial Bit Count. Number of bits transferred (read only).
bits 7-4
SBIT3:0
COUNT
0x00
0
0x01
1
0x03
2
0x02
3
0x06
4
0x07
5
0x05
6
0x04
7
0x0C
8
STOP
Stop-Bit Status.
bit 3
0: No Stop
1: Stop Condition Received and I2CCNT set (cleared on write to I2CDATA)
START
Start-Bit Status.
bit 2
0: No Stop
1: Start or Repeated Start Condition Received and I2CCNT set (cleared on write to I2CDATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com