Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 63 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 63 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 214 page
background image
FEDL7204-003-02
ML7204-003
63/214
Description of operation (Figure 35)
 Activating 2-channel operation
To activate 2-channel operation from the Speech CODEC termination state, set SC_EN and DC_EN to “1”
concurrently.
Encoder: Starts encoding of CH1 and CH2 signals within a maximum of 250
s after SC_EN = DC_EN = 1 is
set.
Decoder: Issues a receive data write request within a maximum of 250
s after SC_EN = DC_EN = 1 is set.
(Note)
When G.729.A is selected as the Speech CODEC coding format, the setting of SC_EN = DC_EN = 1 is
inhibited.
When the G.711 PLC function is enabled, the setting of SC_EN = DC_EN = 1 is inhibited.
 Performing 2-channel operation
 Transmit
 2-channel transmit request notification register (TXREQ_DC)
The 2-channel transmit request notification register (TXREQ_DC) is set to “1” while two transmit data read
requests are issued in one frame.
 Channel data read sequence
Two transmit data read requests are issued in one frame in the order of CH1
 CH2.
However, when read operation from the MCU side does not terminate for the CH1 transmit data read request, a
read request for CH2 transmit data is not issued.
 Read sequence
After encoding processing for CH1 and CH2 of one frame terminates, an interrupt is generated by setting
FR0_CH1 = 1 and a CH1 transmit data read request is issued. Read CH1 transmit data (160 bytes) according
to the read request.
When CH1 transmit data read processing terminates, an interrupt is generated by setting FR0_CH2 = 1 and a
CH2 transmit data read request is issued.
Read CH2 transmit data (160 bytes) according to the read request.
In this operation state, the following signals are input to the encoder from CH1 and CH2.
Encoder input signal (CH1) = (Transmit data AIN_x input to Speech CODEC) + (CH2 receive data
Rx_CH2)
Encoder input signal (CH2) = (Transmit data AIN_x input to Speech CODEC) + (CH1 receive data
Rx_CH1)
 Valid read period RE_DCn(CH1 & CH2)
Terminate transmit data read processing from CH1 and CH2 within 18.0 ms after a CH1 transmit data read
request (FR0_CH1 = 1) is issued.
 Transmit error processing
If read processing from the MCU side does not terminate within the valid read period, an interrupt is generated
by setting the transmit error flag of the relevant channel (CH1: TXERR_CH1, CH2: TXERR_CH2) to “1”.
The transmit error is retained from the next valid read period until just before termination of the frame
processing for which transmit data read processing has been performed normally for the channel. Even if
data read processing does not terminate, the data in the transmit buffer is updated normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com