Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 47 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 47 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 214 page
background image
FEDL7204-003-02
ML7204-003
47/214
B-4. G.711 (
-law, A-law)  G.729.A switching control (20 ms frame mode)
Figure 29 Speech CODEC Coding Format Switching Control Method on the
Receive Side G.711
G.729.A <20 ms frame mode>
 G.711 operation (before switching)
Operates according to the contents described in  Operation and  Error processing in Figure 21 G.711
(
-law and A-law) receive buffer control method at single-channel operation (20 ms/frame mode).
 Switching processing
Switch the Speech CODEC coding format from G.711 to G.729.A within the valid MCU write period
according to the setting in the Speech CODEC selection register on the receive side (RX_SCSEL[1:0]).
When receive data is written from the the MCU in the frame from which the switching of the Speech CODEC
coding format has benn detected, the LSI internal section performs decoding processing for the data of 10 ms
in the next frame. When receive data is not written from the MCU, data is generated according to the PLC
algorithm and then output (silent output when the PLC function is disabled) in the next frame; however, a
receive error (RXERR_CH1 = “1”) does not occur.
If a receive error occurred before this frame, that receive error is cleared to “0” at termination of this frame.
To avoid a sudden transition from a voice state to a silent state, the function that gradually attenuates the
decoding output (fade-out function) operates.
(Note)
If the coding format is switched outside of the valid MCU write period, the G.729.A
 G.711 switching
processing may be delayed by one frame. Therefore, check whether the receive request is for the receive
data encoded in the G.729.A or encoded in the G.711 by referencing the receive Speech CODEC operation
mode notification flag (RX_SCFLAG) when requesting reception due to the fall of FR1B.
 G.729.A operation (after switching)
Operates according to the operation that is effective on and after the second receive request that is described in
Operation and Error processing in Figure 19 G.729.A receive buffer control method at single channel
operation (20 ms/ frame mode).
To avoid a sudden transition from a silent state to a voice state, the function that gradually amplifies the
decoding output of the receive data that was initially written from MCU (fade-in function) operates.
FR1B
(Pin output)
MCU write
Valid write section
Speech
CODEC
DEC
OUT
20 ms
WE7
G.711 operation
(before switching)
Switching processing
G.729.A operation (after switching)
FR1
INTB
(Pin output)
R5(G.711)
R3(G.711)
R7(G.711 or silent)
Fade-out function valid period (*1)
R5(G.711)
R3(G.711)
R7(G.711 or PLC)
Fade-out function valid period (*1)
PLC_EN=1
PLC_EN=0
(*1) Fade-in/fade-out function valid period: Approx. 15ms
Valid write section
MCU write
FR1B
(Pin output)
Speech
CODEC
DEC
OUT
20 ms
WE9
WE11
WE13
Silent
R9(G.729.A)
Silent
Fade-in function valid period(*2)
Approx. 30 ms
FR1
INTB
G.711
G.729.A
Receive SC coding
format setting
RX_SCSEL[1:0]
G.711
G.729.A
Receive SC
operation mode
notification
RX_SCFL
AG
20 ms
(Pin output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com