Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 70 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 70 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 214 page
background image
FEDL7204-003-02
ML7204-003
70/214
PCM Interface
A. Example of PCM interface bit configuration
Figure 41 shows an example of PCM interface bit configuration.
Figure 41 Example of PCM Interface Bit Configuration
(*1) n is the value calculated from the following expression.
n = (BCLK frequency)
 64 kHz Example: BCLK = 2.048 MHz n = 32
(*2) The number of bits of one time slot is changed automatically to the following, according to
the setting of the PCM coding format (PCM_SEL[1:0]).
16-bit linear setting: 16 bits
G.711 (
 -law/A-law): 8 bits
(*3) The above diagram shows an example of timing for PCM data transmit/receive
processing by the two devices connected to the PCM interface, with the two using the
following:
16-bit linear setting: Time slot 1 and time slot 2
G.711 (
-law/A-law) setting: Time slot 1 and time slot 3
 Long-frame synchronous mode
 Short-frame synchronous mode
PCMO
Time Slot
SYNC
BCLK
TS #1
TS #2
TS #3
TS #4
TS #n-1
TS #n
TS #1
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
PCMI
 G.711 (-law/A-law)
PCMO
Time Slot
SYNC
BCLK
TS #1
TS #2
TS #n/2
TS #1
8
9
10
11
12
13
14
15
8
9
10
11
12
13
14
15
8
9
10
11
12
13
14
15
8
9
10
11
12
13
14
15
PCMI
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
8
9
10
11
12
13
14
15
 16-bit linear
PCMO
Time Slot
SYNC
BCLK
PCMI
PCMO
Time Slot
SYNC
BCLK
PCMI
 16-bit linear
 G.711 (-law/A-law)
TS #1
TS #2
TS #n/2
8
9
10
11
12
13
14
15
8
9
10
11
12
13
14
15
9
10
11
12
13
14
15
8
9
10
11
12
13
14
15
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
9
10
11
12
13
14
15
TS #1
TS #2
TS #3
TS #4
TS #n-1
TS #n
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
1
2
3
4
5
6
7
TS #1
TS #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com