Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 214 page
background image
FEDL7204-003-02
ML7204-003
8/214
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Analog power supply
voltage
AVDD
—
–0.3 to +4.6
V
Digital power supply
voltage
DVDD
—
–0.3 to +4.6
V
Analog input voltage
VAIN
Analog pin
–0.3 to AVDD+0.3
V
VDIN1
Normal digital pin
–0.3 to DVDD+0.3
V
DVDD = 3.0 to 3.6 V
–0.3 to +6.0
V
Digital input voltage
VDIN2
5 V tolerant pin
DVDD < 3.0 V
–0.3 to DVDD+0.3
V
Output current
IO
—
–20 to +20
mA
Power dissipation
PD
Ta = 60
C, per package
350
mW
Storage temperature
Tstg
—
–65 to +150
C
RECOMMENDED OPERATING CONDITIONS
(AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2
= 0.0 V, Ta = –20 to 60
C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Analog power supply voltage
AVDD
—
3.0
3.3
3.6
V
Digital power supply voltage
DVDD
—
3.0
3.3
3.6
V
Operating temperature range
Ta
—
–20
—
+60
C
VIH1
Normal digital pin
0.75
DVDD
—
DVDD+
0.3
V
Digital high-level input voltage
VIH2
5 V tolerant pin
0.75
DVDD
—
5.5
V
Digital low-level input voltage
VIL
Digital pin
–0.3
—
0.19
DVDD
V
Digital input rise time
tIR
Digital pin
—
2
20
ns
Digital input fall time
tIF
Digital pin
—
2
20
ns
Digital output load capacitance
CDL
Digital pin
—
—
50
pF
Digital output load resistance
RDL
Pull-up resistance, PCMO
500
—
—
AVREF bypass capacitor
Cvref
Between AVREF-AGND
2.2+0.1
—
4.7+0.1
F
VREGOUT bypass capacitor
Cvout
Between VREGOUT-DGND
—
10+0.1
—
F
VBG bypass capacitor
CVBG
Between VBG-DGND
—
150
—
pF
Master clock frequency
Fmck
MCK
–0.01%
12.288
+0.01%
MHz
PCM shift clock frequency
Fbclk
BCLK (at input)
64
(
0.1%)
—
2048
(
0.1%)
kHz
PCM synchronous signal
frequency
Fsync
SYNC (at input)
–0.1%
8.0
+0.1%
kHz
Clock duty ratio
DRCLK
MCK, BCLK (at input)
40
50
60
%
tBS
BCLK to SYNC (at input)
100
—
—
ns
PCM synchronous timing
tSB
SYNC to BCLK (at input)
100
—
—
ns
PCM synchronous signal width
tWS
SYNC (at input)
1BCLK
—
100
s
(Note) On power-on/shut-down sequence
For the analog power supply voltage (AVDD) and the digital power supply voltage (DVDD) to be supplied to
this LSI, it is recommended that power be applied to them simultaneously. However, if simultaneous power-up
is difficult due to the power supply circuit configuration, power them up in the order of DVDD
 AVDD.
The power supplies should be shut down in the reverse order of power-on sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com