Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 69 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 69 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 214 page
background image
FEDL7204-003-02
ML7204-003
69/214
Figure 40 shows the receive buffer control timing in DMA mode.
When the receive buffer that stores
compressed voice data on the receive side (voice data expansion side) becomes empty, DMARQ1B goes to
“L” from “H”, thereby issuing a DMA request to the MCU side. When DMAACK1B is set from “1” to “0”
after the DMA request is issued, acknowledgment is input. Then, when the fall of the write enable signal
(WRB=”1”
 “0”) is accepted, DMARQ1B is automatically cleared (“L”  “H”). Write data to the
receive buffer in the following timing concurrently with acknowledgement input. DMARQ1B continues
issuing a DMA request until the receive buffer becomes full.
A7-A0
D15-D0
WRB
RDB
Address
Data 0
Address
DMARQ1B
Data n-1
Address = 81h (fixed)
Number of data items: n words
(Receive buffer empty)
(Receive buffer full)
DMAACK1B
Figure 40 Receive Buffer Control Timing in DMA Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com