Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 89 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 89 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 214 page
background image
FEDL7204-003-02
ML7204-003
89/214
(8) CR7
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR7
A7/D7
A6/D6
A5/D5
A4/D4
A3/D3
A2/D2
A1/D1
A0/D0
Change enable
mode
I/E
Initial value
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
/W
B7-B0: Internal data memory low-order address/low-order data setting register
This is an internal data memory low-order address/low-order data setting register.
See the section of INTERNAL DATA MEMORY ACCESS AND CONTROL METHOD for the write
method.
(Note)*
Although the initial value of CR7 is 00h, it is set to 04h automatically before the initial mode starts.
At the start of initial mode, the LSI type (ML7204) can be checked by reading the values of CR6 and
CR7.
(9) CR8
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR8
D15
D14
D13
D12
D11
D10
D9
D8
Change enable
mode
I/E
Initial value
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
R/W
B7-B0: Internal data memory high-order data setting register
This is an internal data memory high-order data setting register.
See the section of INTERNAL DATA MEMORY ACCESS AND CONTROL METHOD for the write
and read method.
(Note)*
Although the initial value of CR8 is 00h, it is set to 01h automatically before the initial mode starts.
(10) CR9
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR9
D7
D6
D5
D4
D3
D2
D1
D0
Change enable
mode
I/E
Initial value
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
0 (*)
R/W
B7-B0: Internal data memory low-order data setting register
This is an internal data memory low-order data setting register.
See the section of INTERNAL DATA MEMORY ACCESS AND CONTROL METHOD for the write
and read method.
(Note)*
Although the initial value of CR9 is 00h, it is set to 03h automatically before the initial mode starts. At the
start of initial mode, the code type (-003) can be checked by reading the value of CR9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com