Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 29 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 29 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 214 page
background image
FEDL7204-003-02
ML7204-003
29/214
B. G.711 (64 kbps)
Figure 13 G.711 Data Format
G.711 (64 kbps,
-law/A-law)
· 8 bits/125
s
Buffer structure
· 80 sample/10 ms
· 160 sample/20 ms
·
·
(a) 10 ms/16-bit mode
(b) 20 ms/16-bit mode
bit7
bit6
bit5
bit4
PCM code structure
·
·
·
·
·
·
·
·
·
·
bit3
bit2
bit1
bit0
1
0
3
157
156
159
158
0
·
·
(c) 10 ms/8-bit mode
78
79
(d) 20 ms/8-bit mode
Word structure
1
2
39
40
·
·
1
2
79
80
·
·
1
2
79
80
·
·
0
·
·
158
159
1
2
159
160
.
.
Number
of words
Number
of words
Number
of words
Number
of words
1
0
3
77
76
79
78
bit7···bit0
bit7···bit0
2
2
bit7···bit0
2
1
1
bit7···bit0
D15
D0
D7
D0
D15
D0
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com