Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 22 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 22 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 214 page
background image
FEDL7204-003-02
ML7204-003
22/214
INTB/GPIOA[6]
Primary function: INTB
This in an interrupt request output pin.
When the interrupt cause is changed, this pin outputs a “L” level for about 1.0
s. When the interrupt factor is
not changed, “H” is output. The interrupt factor can be checked by reading CR16-CR22. Table 1 lists the
interrupt causes.
The interrupt causes can be masked individually in the internal memory (interrupt cause mask control).
Table 1 Interrupt Causes
CR
BIT
Register name
Rising
edge
Falling
edge
Remarks
B2
FSK receive overrun error notification register
(FDET_OER)
B1
FSK receive framing error notification register
(FDET_FER)
CR16
B0
FSK receive data read request notification register
(FDET_RQ)
CR17
B0
FSK output data setting completion flag
(FGEN_FLAG)
CR18
B0
Timer overflow display register (TMOVF)
B7
DSP status register (DSP_ERR)
B4
TONE1 detector detection status register
(TONE1_DET)
B3
TONE0 detector detection status register
(TONE0_DET)
B2
TGEN1 execution flag display register
(TGEN1_EXFLAG)
CR19
B1
TGEN0 execution flag display register
(TGEN0_EXFLAG)
B6
Dial pulse detector detection status register
(DP_DET)
B4
DTMF detector detection status register
(DTMF_DET)
CR20
B3-B0
DTMF code display register (DTMF_CODE[3:0])
B3
CH2 transmit error status register (TXERR_CH2)
B2
CH1 transmit error status register (TXERR_CH1)
B1
CH2 transmit request notification register
(FR0_CH2)
CR21
B0
CH1 transmit request notification register
(FR0_CH1)
B3
CH2 receive error status register (RXERR_CH2)
B2
CH1 receive error status register (RXERR_CH1)
B1
Receive invalid write error notification register
(RXBW_ERR)
CR22
B0
Receive request notification register (FR1)
: With INTB interrupt generation function
: Without INTB interrupt generation function
Secondary function: GPIOA[6]
When the primary function/secondary function selection register (GPFA[6]) of GPIOA[6] is set to “1”, this pin
functions as a general-purpose I/O port GPIOA[6].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com