Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 79 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 79 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 214 page
background image
FEDL7204-003-02
ML7204-003
79/214
Initial mode
PDNB = 0 or SPDN = 1
PDNB = 1 & SPDN = 0
OPE_STAT = 1
Normal operation started
Initial mode
Power-down reset
released
READY = 1
READY = 0
Power-down state
Wait for approx.
200 ms
LSI internal section initialized
Setting externally
LSI internal automatic processing
Normal operation mode
Control register and internal
data memory access inhibit
period
tAVREF
or more
Change the internal data
memory contents
Change the control register settings
Figure 44 Flowchart in Initial Mode
(Note)
A wait period of the AVERF rise time (tAVREF) or more is required from release of power-down reset
by PDNB or software power-down reset by SPDN to the setting of OPE_STAT to “1”. See Figure 1 for
the AVERF rise time (tAVREF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com