Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 91 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 91 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 214 page
background image
FEDL7204-003-02
ML7204-003
91/214
(12) CR11
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR11
PCM
_SEL1
PCM
_SEL0
#
PCMI3
_EN
PCMO2
_EN
PCMI2
_EN
PCMI1
_EN
PCMO1
_EN
Change enable
mode
I/
I/
—
/E
/E
/E
/E
/E
Initial value
0
0
0
0
0
0
0
0
R/W
B7 and B6: PCM I/F coding format selection control register
These are PCM I/F coding format selection bits.
( 0 , 0 ): 16-bit linear (two’s complement format)
( 0 , 1 ): G.711(
-law)
( 1 , 0 ): Inhibited
( 1 , 1 ): G.711(A-law)
(Note) When G.711 (A-law) is selected by setting the PCM I/F coding format selection control register
(PCM_SEL[1:0]) to (1,1), decrease your target gain setting of a very next gain control following
G.711 decoder such as RXGAIN_ITS1 by 18.6dB, and increase your target gain setting of the
following gain control such as RXGAIN_PCM0 by 18.6dB.
Examples in a case where the PCM input time slot 1 enable control register (PCMI1_EN)=”1”
and the VFRO0-pin is assigned as an LSI output pin for PCMI-pin input signals are shown in a
table below.
When a tone detector (TONE_DET0 and/or TONE_DET1) located between the concerned two
gain controls is enabled, adjust the detection level accordingly.
Gain Control
Your Target (example)
Recommendation
Remarks
RXGAIN_ITS1
0008h (0dB)
000Fh (-18.6dB)
RXGAIN_PCM0
0039h (-7.03dB)
01E6h (+11.60dB)
001Ah (-13.8dB)
00DEh (+4.78dB)
000Bh (-21.3dB)
005Eh (-2.69dB)
B5: Reserved bits Change of the initial values is inhibited.
B4: PCM input time slot selection 3 enable control register
0: Stops PCM input time slot selection 3
1: Activates PCM input time slot selection 3
When this bit is set to “1”, the PCM data in the time slot position that has been set in the PCM input time
slot selection register 3 (PCM_ITS3[4:0]) is fetched and decoding processing is performed with the
coding format selected in the PCM I/F coding format selection control register (PCM_SEL[1:0]). PCM
data fetching starts from the frame following the frame where this bit has been detected having been set to
“1”. Figure 50 shows the PCM input timing.
(Note) When G.711 (A-law) is selected by setting the PCM I/F coding format selection control register
(PCM_SEL[1:0]) to (1,1), it’s recommended to set this PCM input time slot 3 enable control
register (PCMI3_EN) to “0” (Stops PCM input time slot selection 3).
B3: PCM output time slot selection 2 enable control register
0: Stops PCM output time slot selection 2
1: Activates PCM output time slot selection 2
When this bit is set to “1”, the PCM data that was encoded with the coding format selected by the PCM
I/F coding format selection control register (PCM_SEL[1:0]) is output to the time slot position that has
been set in the PCM output time slot selection register 2 (PCM_OTS2[4:0]). PCM data encoding starts
from the frame following the frame where this bit has been detected having been set to “1”. Figure 51
shows the PCM output timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com