Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 90 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 90 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 214 page
background image
FEDL7204-003-02
ML7204-003
90/214
(11) CR10
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR10
#
#
#
#
#
VFRO1
_SEL
VFRO0
_SEL
#
Change enable
mode
—
—
—
—
—
I/E
I/E
—
Initial value
0
0
0
0
0
0
0
0
R/W
B7-B3: Reserved bits
Change of the initial values is inhibited.
B2: VFRO1 selection register
0: AVREF (outputs about 1.4 V)
1: Voice output on the receive side
B1: VFRO0 selection register
0: AVREF (outputs about 1.4 V)
1: Voice output on the receive side
B0: Reserved bits Change of the initial values is inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com