Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 26 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 26 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 214 page
background image
FEDL7204-003-02
ML7204-003
26/214
FUNCTIONAL DESCRIPTION
Transmit and receive buffers
Table 3 lists the controllable parameters of the transmit and receive buffers.
This LSI allows the setting of the Speech CODEC coding format and the buffering time for transmit and receive
buffers individually.
[Example] Transmit side (Tx): G.729.A/10 ms, Receive side (Rx): G.711/20 ms
Table 3 Controllable Parameters of Transmit and Receive Buffers
Contents
Modifiable parameter
Initial value
Remarks
Tx side
G.729.A
G.711 (
-law, A-law)
G.729.A
The buffering size of the transmit buffer is
changed automatically according to the Speech
CODEC coding format of the transmit side.
Speech
CODEC
Coding
format
Rx side
G.729.A
G.711 (
-law, A-law)
G.729.A
The buffering size of the receive buffer is
changed automatically according to the Speech
CODEC coding format of the receive side.
Tx side
10 ms
20 ms
10 ms
The number of words of the transmit buffer is
changed automatically according to the setting of
buffering time on the transmit side.
Buffering
time
Rx side
10 ms
20 ms
10 ms
The number of words of the receive buffer is
changed automatically according to the setting of
buffering time on the receive side.
Access mode
Frame
DMA
Frame
FIFO data width
16 bits
8 bits
16 bits
The number of words is changed automatically
according to the data width.
Transmit and receive buffer size
Each of the transmit and receive buffers comprises double buffers in FIFO (First In First Out) format, and
buffering is performed for data of 10 ms or 20 ms for one buffer.
When the transmit buffer is full or the receive buffer is empty, a requesting frame signal (FR0B or FR1B) or a
DMA request signal (DMARQ0B or DMARQ1B) is issued to the MCU. The number of FIFO words is
changed automatically according to the selected Speech CODEC and FIFO data width. Table 4 shows the
buffer size and the number of words determined by each of Speech CODEC and data width.
Table 4 Buffer Sizes and the Numbers of Words of Transmit and Receive Buffers
10 ms mode
20 ms mode
Speech CODEC
Buffer size
16 bits
8 bits
Buffer size
16 bits
8 bits
G.729.A (8 kbps)
10 bytes
5 words
10 words
20 bytes
10 words
20 words
G.711 (64 kbps)
80 bytes
40 words
80 words
160 bytes
80 words
160 words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com