Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 61 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 61 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 214 page
background image
FEDL7204-003-02
ML7204-003
61/214
 Receive error processing
Terminate write processing of CH1 receive data and CH2 receive data within the valid write period.
If write processing from the MCU does not terminate within the valid write period, an interrupt is generated by
setting the receive error flag of the relevant channel (CH1: RXERR_CH1 or CH2: RXERR_CH2) to “1”.
The receive error is retained from the next valid write period until immediately before the termination of the
frame for which receive data of the channel has been written normally. When write processing of the receive
data of the channel is not performed, silent data is output.
When receive data of the same channel is written in one frame or the receive data channel notification is
invalid, an interrupt is generated by setting a receive side invalid write error flag (RXBW_ERR) to “1”.
RXBW_ERR is retained from the next valid write period until immediately before the termination of the frame
for which invalid receive data has no longer been written.
 Terminating 2-channel operation
To return from a 2-channel mode to a termination mode, set SC_EN = 0 and DC_EN = 0. The encoder of
Speech CODEC (CH1 & CH2) stops data write processing within a maximum of 250
s after SC_EN = 0 and
DC_EN = 0 are set.
(Note)
1. After SC_EN = 0 and DC_EN = 0 are set, RXFLAG_[CH2:CH1] are cleared to 00b automatically within a
maximum of 250
s.
2. A wait period of 10 ms or more is required after SC_EN = 0 is set until SC_EN = 1 is set again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com