Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 92 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 92 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 88Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 89Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 90Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 214 page
background image
FEDL7204-003-02
ML7204-003
92/214
B2: PCM input time slot selection 2 enable control register
0: Stops PCM input time slot selection 2
1: Activates PCM input time slot selection 2
When this bit is set to “1”, the PCM data in the time slot position that has been set in the PCM input time
slot selection register 2 (PCM_ITS2[4:0]) is fetched and decoding processing is performed with the
coding format selected in the PCM I/F coding format selection control register (PCM_SEL[1:0]). PCM
data fetching starts from the frame following the frame where this bit has been detected having been set to
“1”. Figure 50 shows the PCM input timing.
B1: PCM input time slot selection 1 enable control register
0: Stops PCM input time slot selection 1
1: Activates PCM input time slot selection 1
When this bit is set to “1”, the PCM data in the time slot position that has been set in the PCM input time
slot selection register 1 (PCM_ITS1[4:0]) is fetched and decoding processing is performed with the
coding format selected in the PCM I/F coding format selection control register (PCM_SEL[1:0]). PCM
data fetching starts from the frame following the frame where this bit has been detected having been set to
“1”. Figure 50 shows the PCM input timing.
When both of B2 and B1 are set to “1”, each decoding result is added and output on the speech path.
B0: PCM output time slot selection 1 enable control register
0: Stops PCM output time slot selection 1
1: Activates PCM output time slot selection 1
When this bit is set to “1”, the PCM data that was encoded with the coding format selected by the PCM
I/F coding format selection control register (PCM_SEL[1:0]) is output to the time slot position that has
been set in the PCM output time slot selection register 1 (PCM_OTS1[4:0]). PCM data encoding starts
from the frame following the frame where this bit has been detected having been set to “1”. Figure 51
shows the PCM output timing.
Figure 50 PCM Input Timing
Figure 51 PCM Output Timing
SYNC
PCMO1_EN
PCM0
ENCODE
Stop
ENC1
ENC2
ENC3
ENC4
Stop
PCM_OTS1
[4:0]
00000b
1
1
1
Silent output
1
Hi-Z
Hi-Z
(Note) The silent output to the PCM0 pin or the start of ENCODE may be delayed by 1 sync depending on the timing of setting PMC0n_EN to “1”.
SYNC
PCMIn_EN
PCMI
DECODE
Stop (silent output)
DEC2
DEC3
DEC4
PCM_ITSn
[4:0]
00000b
1
1
1
1
DEC1 (silent output)
Stop (silent output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com