Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 78 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 78 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 214 page
background image
FEDL7204-003-02
ML7204-003
78/214
(1) CR0
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR0
SPDN
AFEB
_EN
AFEA
_EN
#
#
#
SYNC
_SEL
OPE
_STAT
Change enable
mode
/E
I/
I/
—
—
—
I/
I/
Initial value
0
0
0
0
0
0
0
0
R/W
B7: Software power-down reset control register
0: Normal operating mode
1: Power-down reset
This LSI can be put into a power-down reset state by setting this bit to “1” for 200 ns or more.
At power-down reset, the contents of the control register and internal data memory are cleared
automatically. Power-down reset can be released by setting “0” after setting “1”.
B6: Analog front end power-down control register on the CODEC_B side
0: Normal operating state
1: Power-down state (excluding AVREF)
Power-down can be applied to the analog front end on the CODEC_B side by setting this bit to “1”.
It is recommended to set this bit to “1” when the analog front end on the CODEC_B side is not used.
When setting this bit to “1”, set output of VFRO1 to the AVREF side (“0”) using the VFRO1 selection
register (VFRO1_SEL).
B5: Analog front end power-down control register on the CODEC_A side
0: Normal operating state
1: Power-down state (excluding AVREF)
Power-down can be applied to the analog front end on the CODEC_A side by setting this bit to “1”.
It is recommended to set this bit to “1” when the analog front end on the CODEC_A side is not used.
When setting this bit to “1”, set output of VFRO0 to the AVREF side (“0”) using the VFRO0 selection
register (VFRO0_SEL).
B4-B2: Reserved bit. Change of the initial value is inhibited.
B1: SYNC frame control register
0: Long frame synchronous signal
1: Short frame synchronous signal
B0: Operation start control register
0: Operation hold
1: Operation start
After release of power-down reset, the LSI enters an initial mode. In initial mode, control register
settings and internal data memory contents can be changed. Start changing the control registers or the
contents of the internal memory after reading the initial mode display register (READY) continuously and
detecting “1”.
When this bit is set to “1” after completion of changing the control register settings or internal data
memory write processing, the READY register is set to “0”, returning the mode to a normal operation
mode.
To change the control register settings or the contents of the internal data memory again after setting this
bit to “1”, change the mode to the normal operating mode. Figure 44 shows the flowchart in initial
mode.
See the internal data memory change method described later for the method of changing the internal data
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com