Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 43 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 43 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 214 page
background image
FEDL7204-003-02
ML7204-003
43/214
B. Speech CODEC coding format switching control on the receive side
B-1. G.729.A
 G.711(-law and A-law) switching control (10 ms frame mode)
Figure 26 Speech CODEC Coding Format Switching Control Method on the
Receive Side G.729.A
G.711 <10 ms frame mode>
 G.729.A operation (before switching)
Operates according to the contents described in  Operation and  Error processing in Figure 18 G.729.A
receive buffer method at single-channel operation (10 ms/frame mode).
 Switching processing
Switch the Speech CODEC coding format from G729.A to G.711 within the valid MCU write period
according to the setting in the Speech CODEC selection register on the receive side (RX_SCSEL[1:0]).
When receive data is written from the MCU in the frame from which the switching of the Speech CODEC
coding format has been detected, the LSI internal section performs decoding processing in the next frame.
When receive data is not written from the MCU, the frame loss compensation processing (BFI) that is
specified in G.729.A is performed in the next frame; however, a receive error (RXERR_CH1 = “1”) does not
occur.
If a receive error occurred before this frame, that receive error is cleared to “0” at termination of this frame.
To avoid sudden transition from a voice state to a silent state, the function that gradually attenuates decoding
output (fade-out function) operates.
(Note)
If the coding format is switched outside of the valid MCU write period, the G.729.A
 G.711 switching
processing may be delayed by one frame. Therefore, check whether the receive request is for the receive
data encoded in the G.729.A or encoded in the G.711 by referencing the receive Speech CODEC operation
mode notification flag (RX_SCFLAG) when requesting reception due to the fall of FR1B.
10 ms
FR1B
(Pin output)
Speech
CODEC
DEC
OUT
R5(G.729.A)
R6(G.729.A)
R7(G.729.A)
R4(G.729.A)
Fade-out function valid period (*1)
MCU write
Valid write section
WE7
WE8
 G.729.A operation (before switching)
 Switching processing
 G.711 operation (after switching)
FR1
INTB
(Pin output)
FR1B
(Pin output)
10 msec
Valid write section
Silent
Fade-in function valid period(*1)
R10(G.711)
R11(G.711)
R12(G.711)
DEC
OUT
PLC_EN=
PLC_EN=
Speech
CODEC
G.729.A
G.711
Receive SC coding
format setting
RX_SCSEL[1:0
G.729.A
G.711
Receive SC operation
mode notification
RX_SCFLA
MCU write
WE10
WE11
WE12
WE13
(*1) Fade-in/fade-out function valid period: Approx. 15 ms
FR1
INTB
(Pin output)
Approx.13.75 ms
Silent
R10(G.711)
R11(G.711)
R12(G.711)
Approx. 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com