Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 66 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 66 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 214 page
background image
FEDL7204-003-02
ML7204-003
66/214
Control Register Control Method
Figure 36 shows the control register control method.
This LSI incorporates control registers CR0-CR47 and GPCR0-GPCR8 for performing control. The LSI also
performs control by changing the DSP internal data memory that is built into the LSI using the following control
registers allocated in those control registers.
Internal data memory 1-word write control register (XDMWR)
Internal data memory 2-word write control register (XDMWR_2)
Internal data memory address and data setting registers (CR6-CR9)
See the INTERNAL DATA MEMORY ACCESS AND CONTROL METHOD that are described later for the
access method of the DSP internal data memory.
See Tables 5 to 9 for control register addresses.
The control registers are controlled with an 8-bit width of D7 to D0 regardless of the data width of 16 bits or 8
bits that is selected in the MCU interface data width selection register (BW_SEL).
When a data bus is used in
16-bit access mode, input-output of D15-D8 depends on the write or read control of the control register. At
write processing, “1” or “0” is set in D15-D8 and at read processing, “1” is read.
A7-A0
D7-D0
CSB
WRB
RDB
Write
Read
Address
Data
Address
Data
Figure 36 Control Register Control Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com