Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 67 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 67 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 65Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 66Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 214 page
background image
FEDL7204-003-02
ML7204-003
67/214
Transmit/Receive Buffer Access Method
A. Frame mode (FRAME/DMA selection register FD_SEL = “0”)
Figure 37 shows the transmit buffer (TX Buffer) control timing and access method in frame mode.
When the transmit buffer storing compressed voice data on the transmit side (voice data compression side)
becomes full, a read request is issued to the MCU side by changing FR0B from “H” to “L”. Read data from
the data transmit buffer in the following timing. The transmit buffer read address is “80h”. FR0B
maintains “L” until the entire data in the transmit buffer is read.
Figure 37 Transmit Buffer Control Timing
Figure 38 shows the receive buffer (RX Buffer) control timing in frame mode. When the receive buffer
storing compressed voice data on the receive side (voice expansion side) becomes empty, a write request is
issued to the MCU side by setting FR1B from “H” to “L”. Write data in the receive buffer in the following
timing. The receive buffer write address is “81h”. FR1B maintains “L” until the receive buffer becomes
full.
Figure 38 Receive Buffer Control Timing
A7-A0
D15-D0
CSB
WRB
RDB
Address
Data 0
Address
FR0B
Data n-1
Address = 80h (fixed)
Number of data items: n words
(Transmit buffer full)
(Transmit buffer empty)
A7-A0
D15-D0
CSB
WRB
RDB
Address
Data 0
Address
FR1B
Data n-1
Address = 81h (fixed)
Number of data items: n words
(Receive buffer empty)
(Receive buffer full)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com