Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML7204-003 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 214 page
background image
FEDL7204-003-02
ML7204-003
5/214
PIN DESCRIPTIONS
Pin
QFP64
Symbol
I/O
When
PDNB
= “0”
Description
1
TST1
I
“0”
Test control input 1: Normally, input “0”.
2
TST0
I
“0”
Test control input 0: Normally, input “0”.
3
PCMO
O
“Hi-z”
PCM data output [Open drain output pin]
4
PCMI
I
I
PCM data input
I
CLKSEL = ”0”
PCM shift clock input
5
BCLK
I/O
“L”
CLKSEL = ”1”
PCM shift clock output
I
CLKSEL = ”0”
PCM synchronous signal 8 kHz input
6
SYNC
I/O
“L”
CLKSEL = ”1”
PCM synchronous signal 8 kHz output
7
DVDD0
—
—
Digital power supply
8
ACK0B/GPIOA[4]
I/O
I
Transmit buffer DMA access acknowledge signal input
(primary function)
General-purpose I/O port A[4] (secondary function) [5
V tolerant pin]
9
ACK1B/GPIOA[5]
I/O
I
Receive buffer DMA access acknowledge signal input
(primary function)
General-purpose I/O port A [5] (secondary function) [5 V
tolerant pin]
10
FR0B
(DMARQ0B)
O
”H”
FR0B:(FD_SEL = ”0”)
Transmit buffer frame signal output
DMARQ0B: (FD_SEL = ”1”)
Transmit buffer DMA access request signal output
11
FR1B
(DMARQ1B)
O
“H”
FR1B: (FD_SEL = ”0”)
Receive buffer frame signal output
DMARQ1B: (FD_SEL = ”1”)
Receive buffer DMA access request signal output
12
INTB/GPIOA[6]
I/O
“H”
Interrupt request output (primary function)
General-purpose I/O port A [6] (secondary function) [5 V
tolerant pin]
13
CSB
I
I
Chip select control input
14
RDB
I
I
Read control input
15
WRB
I
I
Write control input
16
DGND0
—
—
Digital ground (0.0 V)
17
D0
I/O
I
Data input-output
18
D1
I/O
I
Data input-output
19
D2
I/O
I
Data input-output
20
D3
I/O
I
Data input-output
21
D4
I/O
I
Data input-output
22
D5
I/O
I
Data input-output
23
D6
I/O
I
Data input-output
24
D7
I/O
I
Data input-output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com