Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 77 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 77 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 214 page
background image
FEDL7204-003-02
ML7204-003
77/214
Notation:
Register name
#
: Reserved bit. Do not change the initial value (“0”).
$
: Access inhibit bit. Do not make R/W access to this bit.
Changeability mode
I/E
: Can be changed during initial mode or operating mode
I/
: Can be changed during initial mode only
/E
: Can be changed during operating mode only
R/W
R/W: Read and write processing are enabled
/W : Write only
R/ : Read only
/
: Access inhibit
(Note)
When any of the following control registers is set during operation, maintain the state for 250
s or more
since read processing is performed synchronized with the SYNC signal (8 kHz).
CR1-CR3, CR5, CR11, CR13, CR16-CR18, CR23, CR24, CR27-CR36, CR38, and CR43
See the INTERNAL DATA MEMORY ACCESS AND CONTROL METHOD for the method of setting
the following control registers.
CR6, CR7, CR8, and CR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com