Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 214 page
background image
FEDL7204-003-02
ML7204-003
9/214
ELECTRICAL CHARACTERISTICS
DC Characteristics
(AVDD = 3.0 to 3.6V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2
= 0.0 V, Ta = –20 to 60
C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
ISS
Standby state
(PDNB = ”0”, DVDD = AVDD=3.3 V, Ta = 25
C)
—
200
500
A
IDD1
Operating status 1
Speech CODEC activated/PCM I/F not used
SC_EN = ”1”, AFEA_EN = ”0”, AFEB_EN = ”1”,
XI, XO: 12.288 MHz crystal connected
—
45
55
mA
Power supply current
IDD2
Operating status 2
Speech CODEC activated/PCM I/F used
SC_EN = ”1”,PCMI1_EN = ”1”, PCMO1_EN
= ”1”,
AFEA_EN=”0”, AFEB_EN=”0”
XI, XO: 12.288 MHz crystal connected
—
50
65
mA
IIH
Vin = DVDD
—
0.01
10
A
Digital input pin
Input leakage current
IIL
Vin = DGND
–10
–0.01
—
A
IOZH
Vout = DVDD
—
0.01
10
A
Digital I/O pin
Output leakage
current
IOZL
Vout = DGND
–10
—
—
A
High-level output
voltage
VOH
Digital output pins, I/O pin
IOH = 4.0 mA
IOH = 0.5 mA (XO pin)
IOH = 1 2.0 mA (CLKOUT pin)
0.78
DVDD
—
—
V
VOL1
Digital output pins, I/O pin
IOL = –4.0 mA
IOL = –0.5 mA (XO pin)
IO = –12.0 mA (CLKOUT pin)
—
—
0.4
V
Low-level output
voltage
VOL2
Open drain output pins
IOL = –12.0 mA
—
—
0.4
V
CIN1
Input pins
—
6
—
pF
Input capacitance (*1)
CIN2
I/O pins
—
10
—
pF
*1 Design guaranteed value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com