Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 99 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 99 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 103Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 214 page
background image
FEDL7204-003-02
ML7204-003
99/214
(18) CR17
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR17
#
#
#
#
#
#
#
FGEN
_FLAG
Change enable
mode
—
—
—
—
—
—
—
/E
Initial value
0
0
0
0
0
0
0
0
R/W
B7-B1: Reserved bits Change of the initial values is inhibited.
B0: FSK output data setting completion flag
Set this bit to “1” after writing data to the FSK output data setting register (FGEN_D[7:0]). This bit is
cleared to “0” automatically at completion of the fetching of data to the internal buffer of the FSK signal
generation section and an interrupt occurs. Do not write any data to this register while this bit is “1”.
For details, see the section of the FSK generator of the internal data memory access and control method
that are described later.
When the setting of the B0 bit is changed (“1”
 “0”), an INTB interrupt occurs.
(19) CR18
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR18
#
#
#
#
#
#
#
TMOVF
Change enable
mode
—
—
—
—
—
—
—
/E
Initial value
0
0
0
0
0
0
0
0
R/W
B7-B1: Reserved bits Change of the initial values is inhibited.
B0: Timer overflow display register
0: No timer overflow occurred.
1: Timer overflow occurred.
When the timer counter value and the data setting value match and consequently a timer overflow occurs,
the timer overflow display register (TMOVF) is set to “1” and an INTB interrupt occurs.
The timer overflow interrupt is cleared to “0” when the timer is stopped as a result of writing “0” to
TMOVF from the MCU side or writing “0” to the timer control register (TIM_EN).
When the setting of the B0 bit is changed (“0”
 “1”), an INTB interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com