Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 17 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 17 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 214 page
background image
FEDL7204-003-02
ML7204-003
17/214
Transmit/Receive Buffer Interface (Frame Mode)
(AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2
= 0.0 V, Ta = –20 to 60
C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
FR1B setup time
tF1S
3
—
—
ns
FR1B output delay time
tF1D
—
—
20
ns
Address setup time (at Read)
tRAS
10
—
—
ns
Address hold time (at Read))
tRAH
0
—
—
ns
Address setup time (at Write)
tWAS
10
—
—
ns
Address hold time (at Write)
tWAH
10
—
—
ns
Write data setup time
tWDS
20
—
—
ns
Write data hold time
tWDH
10
—
—
ns
CSB setup time (at Read)
tRCS
10
—
—
ns
CSB hold time (at Read)
tRCH
0
—
—
ns
CSB setup time (at Write)
tWCS
10
—
—
ns
CSB hold time (at Write)
tWCH
10
—
—
ns
WRB pulse width
tWW
10
—
—
ns
FR0B setup time
tF0S
3
—
—
ns
FR0B output delay time
tF0D
—
—
20
ns
Read data output delay time
tRDD
—
—
30
ns
Read data output hold time
tRDH
3
—
—
ns
RDB pulse width
tRW
35
—
—
ns
CSB disable time
tCD
CL = 50 pF
10
—
—
ns
Figure 7 Transmit/Receive Buffer Interface (Frame Mode)
A7-A0
Input
D15-D0
Input-
output
CSB
Input
WRB
Input
RDB
Input
Write timing
Read timing
tWAS
tWAH
tWDS tWDH
tWCH
tRDD
tRCS
tRDH
tWW
tRW
A1
D1
Input
A2
D2
Output
tWCS
tRCH
tRAS
tRAH
FR1B
Output
FR0B
Output
tF1S
tF1D
tF0S
tF0D
tCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com