Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 24 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 24 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 214 page
background image
FEDL7204-003-02
ML7204-003
24/214
FR0B (DMARQ0B)
 FR0B (FRAME/DMA selection register FD_SEL = “0” in frame mode)
This is a transmit frame output pin that outputs data when the transmit buffer for frame access becomes full.
When the transmit buffer becomes full, the pin outputs “L” and retains “L” until the specified number of words
are read from the MCU.
 DMARQ0B (FRAME/DMA selection register FD_SEL = “1” in DMA mode)
This is a DMA request output pin that outputs data when the transmit buffer for DMA access becomes full.
When the transmit buffer becomes full, the pin outputs “L” and the value is reset to “H” automatically when an
acknowledgment signal (ACK0B = “0”) and the fall of a read enable signal (RDB = “1”
 “0”) are received
from the MCU side. This operation is repeated until the specified number of words are read from the MCU.
FR1B (DMARQ1B)
 FR1B (FRAME/DMA selection register FD_SEL = “0” in frame mode)
This receive frame output pin outputs data when the receive buffer for frame access becomes empty. When
the receive buffer becomes empty, the pin outputs “L” and retains “L” until the specified number of words are
written from the MCU.
 DMARQ1B (FRAME/DMA selection register FD_SEL = “1” in DMA mode)
This a DMA request output pin that outputs data when the receive buffer for DMA access becomes empty.
When the receive buffer becomes empty, the pin outputs “L” and the value is reset to “H” automatically when
an acknowledgment signal (ACK1B = “0”) and the fall of a write enable signal (WRB = “1”
 “0”) are
received from the MCU side. This opeation is repeated until the specified number of words are written from
the MCU side.
ACK0B/GPIOA[4]
Primary function: ACK0B
This is a DMA acknowledgment input pin for DMARQ0B for transmit buffer DMA access; it is enabled in
DMA mode (FD_SEL = “1”).
When using the pin in frame mode (FD_SEL = “0”), fix this pin to “1”.
Secondary function: GPIOA[4]
When the primary function/secondary function selection register (GPFA[4]) of GPIOA[4] is set to “1”, the pin
functions as a general-purpose I/O port GPIOA[4].
ACK1B/GPIOA[5]
Primary function: ACK0B
This is a DMA acknowledgment input pin for DMARQ1B for receive buffer DMA access; it is enabled in DMA
mode (FD_SEL = “1”).
When using this pin in frame mode (FD_SEL = “0”), fix this pin to “1”.
Secondary function: GPIOA[5]
When the primary function/secondary function selection register (GPFA[5]) of GPIOA[5] is set to “1”, the pin
functions as a general-purpose I/O port GPIOA[5].
GPIOA[0], GPIOA[1], GPIOA[2], and GPIOA[3]
These are general-purpose I/O ports A[3:0].
However, the following secondary functions are assigned to GPIOA[0] and GPIOA[2].
Secondary function of GPIOA[0]: Input pin (DPI) of a dial pulse detecter (DPDET)
Secondary function of GPIOA[2]: Output pin (DPO) of a dial pulse transmitter (DPGEN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com