Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 14 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 14 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 214 page
background image
FEDL7204-003-02
ML7204-003
14/214
PCM interface
(AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2
= 0.0 V, Ta = –20 to 60
C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Bit clock frequency
fBCLK
CDL = 20 pF (during output)
–0.1%
2.048
+0.1%
MHz
Bit clock duty ratio
dBCLK
CDL = 20 pF (during output)
45
50
55
%
Synchronous signal frequency
fSYNC
CDL = 20 pF (during output)
–0.1%
8
+0.1%
kHz
Synchronous signal duty ratio
dSYNC
1
CDL = 20 pF (during output)
BCLK = 2.048 MHz At output
45
50
55
%
tBS
BCLK to SYNC (during output)
100
—
—
ns
Transmit/receive synchronous
timing
tSB
SYNC to BCLK (during output)
100
—
—
ns
Input setup time
tDS
50
—
—
ns
Input hold time
tDH
PCMI pin
50
—
—
ns
tSDX
—
—
100
ns
Digital output delay time
tXD1
—
—
100
ns
tXD2
—
—
100
ns
Digital output hold time
tXD3
PCMO pin
Pull-up resistance RDL = 500
CDL = 50 pF
—
—
100
ns
01
MSB
LSB
tWS
tDS
tDH
BCLK
SYNC
PCMI
tBS
tSB
2
3
4
5
6
7
8
-
16
G.711
LSB
16-bit linear
Figure 2 PCM Interface Input Timing (Long Frame)
01
tWS
tDS
tDH
BCLK
SYNC
PCMI
tBS
tSB
2
3
4
5
6
7
8
9
-
MSB
LSB
G.711
17
LSB
16-bit linear
Figure 3 PCM Interface Input Timing (Short Frame)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com