Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 18 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 18 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 214 page
background image
FEDL7204-003-02
ML7204-003
18/214
Transmit/Receive Buffer Interface (DMA Mode)
(AVDD = 3.0 to 3.6V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2
= 0.0 V, Ta = –20 to 60
C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
DMARQ1B setup time
tDR1S
3
—
—
ns
tDR1RD
—
—
30
ns
DMARQ1B output delay time
tDR1FD
—
—
30
ns
Address setup time (at Read)
tRAS
10
—
—
ns
Address hold time (at Read))
tRAH
0
—
—
ns
Address setup time (at Write)
tWAS
10
—
—
ns
Address hold time (at Write)
tWAH
10
—
—
ns
Write data setup time
tWDS
20
—
—
ns
Write data hold time
tWDH
10
—
—
ns
ACK0B setup time
tAK0S
10
—
—
ns
ACK0B hold time
tAK0H
0
—
—
ns
ACK1B setup time
tAK1S
10
—
—
ns
ACK1B hold time
tAK1H
10
—
—
ns
WRB pulse width
tWW
10
—
—
ns
DMARQ0B setup time
tDR0S
3
—
—
ns
tDR0RD
—
—
30
ns
DMARQ0B output delay time
tDR0FD
—
—
30
ns
Read data output delay time
tRDD
—
—
30
ns
Read data output hold time
tRDH
3
—
—
ns
RDB pulse width
tRW
35
—
—
ns
ACKB disable time
tAD
CL = 50 pF
10
—
—
ns
Figure 8 Transmit/Receive Buffer Interface (DMA Mode)
A7-A0
Input
D15-D0
Input-
output
ACK0B
Input
WRB
Input
RDB
Input
Write timing
Read timing
tWAS
tWAH
tWDS tWDH
tRDD
tAK0S
tRDH
tWW
tRW
A1
D1
Input
A2
D2
Output
tAK0H
tRAS
tRAH
DMARQ1B
Output
DMARQ0B
Output
tDR1S
tDR1RD
tDR0S
tDR0RD
ACK1B
Input
tAK1H
tAK1S
tAD
tDR1FD
tDR0FD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com