Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 60 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 60 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 64Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 214 page
background image
FEDL7204-003-02
ML7204-003
60/214
 Receive
 2-channel receive request notification register (RXREQ_DC)
In this operation state, the MCU side is notified that two receive data write requests will be issued in one frame
by setting the 2-channel receive request notification register (RXREQ_DC) to “1”.
 Data write channel sequence
Since data can be written to the channels in any sequence, write receive data in either sequence of CH1
 CH2
or CH2
 CH1 in one frame.
(Note)
Do not write receive data of the same channel in one frame in such a manner as CH1
 CH1 and CH2  CH2.
If receive data of the same channel is written in one frame, the receive data that is written by the first receive
request is decoded; however, the receive data that is written in the second receive request is discarded and an
interrupt is generated by setting a receive side invalid write error flag (RXBW_ERR) to “1”.
 Write procedure
This section describes the operation performed when receive data is written in the sequence of CH1
 CH2.
Write CH1 receive data (80 bytes) according to the first receive data write request (FR1 = 1&RXREQ_First =
1).
Before starting write operation of CH1 receive data, notify the LSI that CH1 receive data will be written by
setting the receive data write channel notification register (RXFLAG_[CH2:CH1]) to [0:1].
After termination of CH1 receive data write processing, the second receive data write request (FR1 = 1 &
RXREQ_First = 0) is issued.
Write CH2 receive data (80 bytes) according to the second write request. In this case also, notify the LSI that
CH2 receive data will be written by setting the receive data write channel notification register
(RXFLAG_[CH2:CH1]) to [1:0], before starting CH2 receive data write processing. When a receive data
write request is issued, an interrupt is generated by setting FR1 to “1” regardless of the first or second request.
(Note)
The setting of RXFLAG_[CH2:CH1] = [1:1] or [0:0] is inhibited at notification of a receive data channel.
If RXFLAG_[CH2:CH1] = [1:1] or [0:0] is set, the receive data is discarded and an interrupt is generated by
setting the receive side invalid write error flag (RXBW_ERR) to “1”.
 Valid write period WE_DCn (CH1 & CH2)
WE_DC1 (CH1 & CH2)
There is no time restriction on the initial valid write period after activation of Speech CODEC (CH1 & CH2).
DEC_OUTON can be set to “1” after a lapse of the tWAIT time following completion of receive data write
processing for CH1 and CH2. Decoding output starts tDECON after DEC_OUTON is set to “1”. (*)
(tWAIT=1ms, tDECON = 0 ms[initial value] ... Can be set within the range from 0.125 to 32 ms in the internal
data memory.)
WE_DC2 (CH1 & CH2)
The second valid write period is 4 ms.
WE_DCn (CH1 & CH2) n = 3, 4, 5, ...
The third valid write period is 9 ms.
(Note) (*)
It is prohibited to change the mode to a single-channel operation mode (SC_EN = 1, DC_EN = 0) before the
decoding output starting offset time elapses after DEC_OUTON is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com