Electronic Components Datasheet Search
  English  ▼

X  

ML7204-003 Datasheet(PDF) 20 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 20 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 214 page
background image
FEDL7204-003-02
ML7204-003
20/214
AVREF
This is an output pin of an analog signal ground potential. With the output potential of about 1.4 V, insert bypass
capacitors of 2.2 to 4.7
F (aluminum electrolysis type) and 0.1 F (ceramic type) in parallel. AVREF outputs
0.0 V at power down. AVREF starts being powered up after power-down reset, the system restarts from
( PDNB = “1” and SPDN = “0”).
XI and XO
These are the master clock input pin and the crystal connection pins for the master clock.
Oscillation stops at power down by PDNB or software power down by SPDN. Oscillation starts after
power-down is reset and the clock is supplied to the LSI internal section after oscillation stabilization delay time
has elapsed (about 21.3 ms). Figure 10 shows a master clock input and a crystal connection example.
Figure 10 Example of an Oscillation Circuit and Clock Input
(Note)
For an oscillation circuit, connect a 12,288 MHz crystal and a 1 M
 feedback resistor (R) between XI and XO.
Since the values of capacitors C1 and C2 that are connected between XI and GND and between XO and GND
are affected by the production load capacitance of a crystal and the wiring capacitance of the board, contact the
manufacturer of the crystal to ask for matching evaluation to detemine the capacitor values.
XI
XO
R
Crystal
C2
12.288 MHz
HC-49/U-S [C L=12pF]
R
8 pF
1 M
XI
XO
Open
C1
Crystal1 (12.288 MHz)
8 pF
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com